Electronic Components Datasheet Search
  English  ▼

X  

AN3960 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 12Page - STMicroelectronics AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics AN3960 Datasheet HTML 15Page - STMicroelectronics AN3960 Datasheet HTML 16Page - STMicroelectronics AN3960 Datasheet HTML 17Page - STMicroelectronics AN3960 Datasheet HTML 18Page - STMicroelectronics AN3960 Datasheet HTML 19Page - STMicroelectronics AN3960 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
STM8T142-EVAL evaluation board: ESD tests
AN3960
16/21
Doc ID 022082 Rev 1
4
STM8T142-EVAL evaluation board: ESD tests
The STM8T142-EVAL evaluation board was tested against ESD stress using some of the
protection methods described in Section 3: Protecting against ESD.
4.1
Test setup
Two ESD protection methods were tested: spark gaps and adding resistance (by testing a
small serial resistor).
During the test, the STM8T142-EVAL evaluation board was supplied by a small 12 V lead-
acid battery through an L7805 regulator (see Figure 5).
Figure 5.
Test set up
The STM8T142-EVAL evaluation board was not originally designed to take ESD stress into
account:
●
The onboard serial resistor (size 0603) is voltage undersized.
●
The insulation distance between the electrode and the neighbouring PCB tracks is too
small so that discharges can be seen directly on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com