Electronic Components Datasheet Search
  English  ▼

X  

PM0044 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 34Page - STMicroelectronics PM0044 Datasheet HTML 35Page - STMicroelectronics PM0044 Datasheet HTML 36Page - STMicroelectronics PM0044 Datasheet HTML 37Page - STMicroelectronics PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics PM0044 Datasheet HTML 41Page - STMicroelectronics PM0044 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 162 page
background image
STM8 addressing modes
PM0044
38/162
Doc ID 13590 Rev 3
6.3.3
Extended Direct addressing mode (only for CALLF and JPF)
The address is an extended word, thus allowing 000000 to FFFFFF addressing space, but
requires 3 bytes after the op-code.
Example:
000409
8D0106E5
CALLF sw_routine
0106E5
4C
sw_routine
INC
A
Action:
PC = $0106E5
Figure 10.
Far Direct addressing mode example
Previous Value
0409
A
PC
06
Steps to Determine
Effective Address
PC = 0409
New PC =
Before Completion
New PC
Instruction Complete
New PC =
After Completion
8D
EA
01
06
8D
01
4C
040A
040B
040C
040A
040B
040C
0409
0409
VR02059U
INC A
CALLF
sw_routine
CALLF
sw_routine
0106E5
0106E5
0106E5
0106E5
4C
E5
INC A
0106E5
0106E5
EA
E5
PC=PC+1
EA=(PC):(PC+1):(PC+2)
=0106E5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com