Electronic Components Datasheet Search
  English  ▼

X  

PM0044 Datasheet(PDF) 51 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 47Page - STMicroelectronics PM0044 Datasheet HTML 48Page - STMicroelectronics PM0044 Datasheet HTML 49Page - STMicroelectronics PM0044 Datasheet HTML 50Page - STMicroelectronics PM0044 Datasheet HTML 51Page - STMicroelectronics PM0044 Datasheet HTML 52Page - STMicroelectronics PM0044 Datasheet HTML 53Page - STMicroelectronics PM0044 Datasheet HTML 54Page - STMicroelectronics PM0044 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
51/162
6.10
Long Pointer Indirect Long Indexed addressing mode
The pointer address is a word, the pointer size is a word, thus allowing up to 128 KB
addressing space, and requires 2 bytes after the op-code.
Example:
1089
1800
ptr
dc.w
table
1800
10203040
table dc.b
$10,$20,$30,$40
1690
AE03
LD
X,#3
1692
72D61089
LD
A,([longptr.w],X)
X = 3
A = ([longptr.w],X) = ((longptr.w), X) =
(($1089.w), 3)
= ($1800,3) = ($1803) = $40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More