Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 1 Page - Linear Technology

  LTC2914 Datasheet HTML 1Page - Linear Technology LTC2914 Datasheet HTML 2Page - Linear Technology LTC2914 Datasheet HTML 3Page - Linear Technology LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2914
1
2914fc
For more information www.linear.com/LTC2914
Quad UV/OV
Positive/Negative
Voltage Monitor
n
Desktop and Notebook Computers
n
Network Servers
n
Core, I/O Voltage Monitors
n
Monitors Four Voltages Simultaneously
n
Adjustable UV and OV Trip Values
n
Guaranteed Threshold Accuracy: ±1.5% of
Monitored Voltage over Temperature
n
Input Glitch Rejection
n
Monitors up to Two Negative Voltages
n
Buffered 1V Reference Output
n
Adjustable Reset Timeout with Timeout Disable
n
62µA Quiescent Current
n
Open-Drain OV and UV Outputs
n
Guaranteed OV and UV for VCC ≥ 1V
n
Available in 16-Lead SSOP and 16-Lead
(5mm
× 3mm) DFN Packages
Quad UV/OV Supply Monitor,10% Tolerance, 5V, 3.3V, 2.5V, 1.8V
The LTC®2914 is a quad input voltage monitor intended for
monitoring multiple voltages in a variety of applications.
Dual inputs for each monitored voltage allow monitor-
ing four separate undervoltage (UV) conditions and four
separate overvoltage (OV) conditions. All monitors share
a common undervoltage output and a common overvolt-
age output. The LTC2914-1 has latching capability for the
overvoltage output. The LTC2914-2 has functionality to
disable both the overvoltage and undervoltage outputs.
Polarity selection and a buffered reference allow monitor-
ing up to two separate negative voltages. A three-state
input pin allows setting the polarity of two inputs without
requiringanyexternalcomponents.Glitchfilteringensures
reliable reset operation without false or noisy triggering.
The LTC2914 provides a precise, versatile, space-con-
scious, micropower solution for voltage monitoring.
Input Threshold Voltage
vs Temperature
Typical applicaTion
FeaTures
applicaTions
DescripTion
VH1
VCC
LTC2914-1
SYSTEM
2914 TA01a
0.1μF
GND
TMR
VL1
VL2
VH2
REF
VL3
VH3
OV
UV
LATCH
SEL
VL4
CTMR
22nF
TIMEOUT = 200ms
VH4
1k
4.53k
4.53k
12.4k
1k
19.6k
4.53k
27.4k
1k
44.2k
5V
3.3V
2.5V
1.8V
1k
4.53k
P0WER
SUPPLIES
TEMPERATURE (°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2914 TA01b
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2914 LINER-LTC2914 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2914 LINER-LTC2914 Datasheet
291Kb / 24P
High Voltage Surge
LTC2914 LINER-LTC2914 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
More results

Similar Description - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
Single UV/OV Voltage Monitor
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM12914 AD-ADM12914 Datasheet
826Kb / 16P
짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
Dual UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com