Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 10Page - Linear Technology LTC2914 Datasheet HTML 11Page - Linear Technology LTC2914 Datasheet HTML 12Page - Linear Technology LTC2914 Datasheet HTML 13Page - Linear Technology LTC2914 Datasheet HTML 14Page - Linear Technology LTC2914 Datasheet HTML 15Page - Linear Technology LTC2914 Datasheet HTML 16Page - Linear Technology LTC2914 Datasheet HTML 17Page - Linear Technology LTC2914 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2914
18
2914fc
For more information www.linear.com/LTC2914
LINEAR TECHNOLOGY CORPORATION 2006
LT 1213 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2914
Quad UV/OV Supply Monitor with LED Undervoltage and Overvoltage Indicator
and Manual Undervoltage Reset Button, 10% Tolerance, 12V, 5V, 3.3V, 2.5V
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326/
LTC1326-2.5
Micropower Precision Triple Supply Monitor for 5V/2.5V, 3.3V
and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%)
LTC1726-2.5/
LTC1726-5
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time-Outs
LTC1727-2.5/
LTC1727-5
Micropower Triple Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/
LTC1728-3.3
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/
LTC1728-5
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with Push-Pull Reset
5-Lead SOT-23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10-Lead MSOP and 3mm × 3mm 10-Lead DFN
Package
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable RESET and Tolerance, 16-Lead SSOP Package,
Margining Functions
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package, Ultralow Voltage Reset
LTC2904
Three-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 Package
LTC2905
Three-State Programmable Precision Dual Supply Monitor
Adjustable RESET and Tolerance, 8-Lead SOT-23 Package
LTC2906
Precision Dual Supply Monitor 1 Selectable and 1 Adjustable
Separate VCC Pin, RST/RST Outputs
LTC2907
Precision Dual Supply Monitor 1 Selectable and 1 Adjustable
Separate VCC, Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor
8-Lead TSOT-23 and 3mm × 2mm DFN Packages
LTC2909
Precision Dual Input UV, OV and Negative Voltage Monitor
Separate VCC Pin, Adjustable Reset Timer, 8-Lead TSOT-23 and
3mm × 2mm DFN Packages
relaTeD parTs
Typical applicaTion
VH1
VCC
LTC2914-1
SYSTEM
2914 TA06
0.1μF
GND
TMR
VL1
VL2
VH2
REF
VL3
VH3
OV
UV
LATCH
SEL
VL4
CTMR
22nF TIMEOUT = 200ms
VH4
10k
100k
MANUAL
RESET BUTTON
(NORMALLY OPEN)
4.53k
1k
2.05M
19.6k
4.53k
27.4k
510Ω
LED
1k
44.2k
12V
5V
3.3V
2.5V
1k
4.53k
P0WER
SUPPLIES
510Ω
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com