Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 2 Page - Linear Technology

  LTC2914 Datasheet HTML 1Page - Linear Technology LTC2914 Datasheet HTML 2Page - Linear Technology LTC2914 Datasheet HTML 3Page - Linear Technology LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2914
2
2914fc
For more information www.linear.com/LTC2914
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
OV, UV ................................................... –0.3V to 16V
TMR..........................................–0.3V to (VCC + 0.3V)
VLn, VHn, LATCH, DIS, SEL ...................–0.3V to 7.5V
Terminal Currents
IVCC....................................................................10mA
Reference Load Current (IREF) ........................... ±1mA
IUV, IOV...............................................................10mA
(Notes 1, 2)
Operating Temperature Range
LTC2914C ................................................ 0°C to 70°C
LTC2914I .............................................–40°C to 85°C
LTC2914H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................300°C
absoluTe MaxiMuM raTings
pin conFiguraTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2914CDHC-1#PBF
LTC2914CDHC-1#TRPBF
29141
16-Lead Plastic (5mm × 3mm) DFN
0°C to 70°C
LTC2914IDHC-1#PBF
LTC2914IDHC-1#TRPBF
29141
16-Lead Plastic (5mm × 3mm) DFN
–40°C to 85°C
LTC2914HDHC-1#PBF
LTC2914HDHC-1#TRPBF
29141
16-Lead Plastic (5mm × 3mm) DFN
–40°C to 125°C
LTC2914CDHC-2#PBF
LTC2914CDHC-2#TRPBF
29142
16-Lead Plastic (5mm × 3mm) DFN
0°C to 70°C
LTC2914IDHC-2#PBF
LTC2914IDHC-2#TRPBF
29142
16-Lead Plastic (5mm × 3mm) DFN
–40°C to 85°C
LTC2914HDHC-2#PBF
LTC2914HDHC-2#TRPBF
29142
16-Lead Plastic (5mm × 3mm) DFN
–40°C to 125°C
LTC2914CGN-1#PBF
LTC2914CGN-1#TRPBF
29141
16-Lead Plastic SSOP
0°C to 70°C
LTC2914IGN-1#PBF
LTC2914IGN-1#TRPBF
2914I1
16-Lead Plastic SSOP
–40°C to 85°C
LTC2914HGN-1#PBF
LTC2914HGN-1#TRPBF
2914H1
16-Lead Plastic SSOP
–40°C to 125°C
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
VCC
TMR
SEL
LATCH/DIS
UV
OV
REF
GND
VH1
VL1
VH2
VL2
VH3
VL3
VH4
VL4
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43.5°C/W
EXPOSED PAD (PIN 17)
PCB GND CONNECTION OPTIONAL
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VH1
VL1
VH2
VL2
VH3
VL3
VH4
VL4
VCC
TMR
SEL
LATCH/DIS
UV
OV
REF
GND
TJMAX = 150°C, θJA = 110°C/W
orDer inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com