Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 9Page - Linear Technology LTC2914 Datasheet HTML 10Page - Linear Technology LTC2914 Datasheet HTML 11Page - Linear Technology LTC2914 Datasheet HTML 12Page - Linear Technology LTC2914 Datasheet HTML 13Page - Linear Technology LTC2914 Datasheet HTML 14Page - Linear Technology LTC2914 Datasheet HTML 15Page - Linear Technology LTC2914 Datasheet HTML 16Page - Linear Technology LTC2914 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2914
13
2914fc
For more information www.linear.com/LTC2914
low leakage. Capacitor leakage current must not exceed
the minimum TMR charging current of 1.3µA. Tying the
TMR pin to VCC bypasses the timeout period.
Undervoltage Lockout
When VCC falls below 2V, the LTC2914 asserts an under-
voltage lockout (UVLO) condition. During UVLO, UV is
asserted and pulled low while OV is cleared and blocked
from asserting. When VCC rises above 2V, UV follows the
same timing procedure as an undervoltage condition on
any input.
Shunt Regulator
The LTC2914 has an internal shunt regulator. The VCC pin
operates as a direct supply input for voltages up to 6V.
Under this condition, the quiescent current of the device
remains below a maximum of 100µA. For VCC voltages
higher than 6V, the device operates as a shunt regulator
and must have a resistance RZ between the supply and
the VCC pin to limit the current to no greater than 10mA.
Whenchoosingthisresistancevalue,chooseanappropriate
locationontheI-VcurveshownintheTypicalPerformance
Characteristics section to accommodate variations in VCC
due to changes in current through RZ.
UV and OV Output Characteristics
The DC characteristics of the UV and OV pull-up and
pull-down strength are shown in the Typical Performance
Characteristics section. Each pin has a weak internal
pull-up to VCC and a strong pull-down to ground. This ar-
rangement allows these pins to have open-drain behavior
while possessing several other beneficial characteristics.
The weak pull-up eliminates the need for an external pull-
up resistor when the rise time on the pin is not critical.
On the other hand, the open-drain configuration allows
for wired-OR connections and is useful when more than
one signal needs to pull down on the output. VCC of 1V
guarantees a maximum VOL = 0.15V at UV.
AtVCC=1V,theweakpull-upcurrentonOVisbarelyturned
on. Therefore, an external pull-up resistor of no more
than 100k is recommended on the OV pin if the state and
pull-up strength of the OV pin is crucial at very low VCC.
Note however, by adding an external pull-up resistor, the
pull-up strength on the OV pin is increased. Therefore, if
it is connected in a wired-OR connection, the pull-down
strength of any single device must accommodate this
additional pull-up strength.
Output Rise and Fall Time Estimation
The UV and OV outputs have strong pull-down capability.
The following formula estimates the output fall time (90%
to 10%) for a particular external load capacitance (CLOAD):
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor, typically 50
Ω at VCC > 1V and at room tem-
perature (25°C). CLOAD is the external load capacitance
on the pin. Assuming a 150pF load capacitance, the fall
time is 16.5ns.
The rise time on the UV and OV pins is limited by a 400k
pull-up resistance to VCC. A similar formula estimates the
output rise time (10% to 90%) at the UV and OV pins:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the pull-up resistance.
OV Latch (LTC2914-1)
With the LATCH pin held low, the OV pin latches low
when an OV condition is detected. The latch is cleared by
raising the LATCH pin high. If an OV condition changes
while LATCH is held high, the latch is bypassed and the
OV pin behaves the same as the UV pin with a similar
timeout period at the output. If LATCH is pulled low while
the timeout period is active, the OV pin latches as before.
Disable (LTC2914-2)
TheLTC2914-2allowsdisablingtheUVandOVoutputsvia
the DIS pin. Pulling DIS high forces both outputs to remain
weakly pulled high, regardless of any faults that occur on
the inputs. However, if a UVLO condition occurs, UV as-
serts and pulls low, but the timeout function is bypassed.
UV pulls high as soon as the UVLO condition is cleared.
DIS has a weak 2µA (typical) internal pull-down current
guaranteeing normal operation with the pin left open.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com