Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 5 Page - Linear Technology

  LTC2914 Datasheet HTML 1Page - Linear Technology LTC2914 Datasheet HTML 2Page - Linear Technology LTC2914 Datasheet HTML 3Page - Linear Technology LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2914
5
2914fc
For more information www.linear.com/LTC2914
Input Threshold Voltage
vs Temperature
Supply Current vs Temperature
VCC Shunt Voltage
vs Temperature
VHn Monitor Timing
VLn Monitor Timing
VHn Monitor Timing (TMR Pin Strapped to VCC)
VLn Monitor Timing (TMR Pin Strapped to VCC)
NOTE: WHEN AN INPUT IS CONFIGURED AS A NEGATIVE SUPPLY MONITOR, VHn WILL TRIGGER AN OV CONDITION AND VLn WILL TRIGGER A UV CONDITION
Specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted.
TiMing DiagraMs
Typical perForMance characTerisTics
VHn
UV
VUOT
1V
tUOD
tUOTO
2914 TD01
VLn
OV
VUOT
1V
tUOD
tUOTO
2914 TD02
VHn
UV
VUOT
1V
tUOD
tUOD
2914 TD03
VLn
OV
VUOT
1V
tUOD
tUOD
2914 TD04
TEMPERATURE (°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2914 G01
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
TEMPERATURE (°C)
–50
50
75
–25
25
40
50
55
45
60
0
2914 G02
100
75
70
65
VCC = 5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
6.2
6.3
6.4
6.5
6.6
6.8
–25
0
25
50
2914 G03
75
100
6.7
200μA
1mA
2mA
5mA
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com