Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 1 Page - Linear Technology

  LTC3210 Datasheet HTML 1Page - Linear Technology LTC3210 Datasheet HTML 2Page - Linear Technology LTC3210 Datasheet HTML 3Page - Linear Technology LTC3210 Datasheet HTML 4Page - Linear Technology LTC3210 Datasheet HTML 5Page - Linear Technology LTC3210 Datasheet HTML 6Page - Linear Technology LTC3210 Datasheet HTML 7Page - Linear Technology LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3210

3210fb
Features
Description
applications
typical application
MAIN/CAM LED Controller
in 3mm
× 3mm QFN
TheLTC®3210isalownoisechargepumpDC/DCconverter
designed to drive four MAIN LEDs and one high current
CAM LED for camera lighting. The LTC3210 requires only
four small ceramic capacitors and two current set resis-
tors to form a complete LED power supply and current
controller.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up and mode changes. High switching
frequency enables the use of small external capacitors.
Independent MAIN and CAM full-scale current settings
are programmed by two external resistors. Shutdown
mode and current output levels are selected via two logic
inputs.
The full-scale current through the LEDs is programmed
via external resistors. ENM and ENC are toggled to adjust
the LED currents via internal counters and DACs. The
part is shut down when both ENM and ENC are low for
150µs (typ).
The charge pump optimizes efficiency based on the volt-
age across the LED current sources. The part powers up
in 1x mode and will automatically switch to boost mode
whenever any enabled LED current source begins to en-
ter dropout. The LTC3210 is available in a 3mm
× 3mm
16-lead QFN package.
C1P
C1M
C2P
RM
RC
GND
C2M
CPO
MLED1
MLED2
MLED3
MLED4
CLED
ENM
ENC
VBAT
LTC3210
VBAT
C1
2.2µF
C2
2.2µF
C3
2.2µF
30.1k
1%
24.3k
1%
ENM
ENC
C4
2.2µF
3210 TA01
MAIN
CAM
n
Low Noise Charge Pump Provides High Efficiency
with Automatic Mode Switching
n
Multimode Operation: 1x, 1.5x, 2x
n
Individual Full-Scale Current Set Resistors
n
Up to 500mA Total Output Current
n
Single Wire EN/Brightness Control for MAIN and
CAM LEDs (8 Brightness Steps)
n
64:1 Brightness Control Range for MAIN Display
n
Four 25mA Low Dropout MAIN LED Outputs
n
One 400mA Low Dropout CAM LED Output
n
Low Noise Constant Frequency Operation*
n
Low Shutdown Current: 3µA
n
Internal Soft-Start Limits Inrush Current During
Startup and Mode Switching
n
Open/Short LED Protection
n
No Inductors
n
3mm
× 3mm 16-Lead Plastic QFN Package
VBAT (V)
3.0
60
80
100
3210 TA01b
40
20
50
70
90
30
10
0
3.6
3.8
3.2
4.0
3.4
4.4
4.2
4 LEDs AT 9mA/LED
(TYP VF AT 9mA = 3V, NICHIA NSCW100)
TA = 25°C
4-LED MAIN Display
Efficiency vs VBAT Voltage
n
Multi-LED Light Supply for Cellphones/DSCs/PDAs
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
*Protected by U.S. Patents including 6411531.


Similar Part No. - LTC3210

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210 LINEAR-LTC3210 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210 LINEAR-LTC3210 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
1Mb / 16P
MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
More results

Similar Description - LTC3210

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
Backlight and Flash Driver in QFN 3mm x 3mm
logo
Maxim Integrated Produc...
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
logo
Linear Technology
LT6559 LINER-LT6559 Datasheet
439Kb / 16P
Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
Triple Video Amplifier in 3mm 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com