Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 5 Page - Linear Technology

  LTC3210 Datasheet HTML 1Page - Linear Technology LTC3210 Datasheet HTML 2Page - Linear Technology LTC3210 Datasheet HTML 3Page - Linear Technology LTC3210 Datasheet HTML 4Page - Linear Technology LTC3210 Datasheet HTML 5Page - Linear Technology LTC3210 Datasheet HTML 6Page - Linear Technology LTC3210 Datasheet HTML 7Page - Linear Technology LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3210

3210fb
MLED PIN CURRENT (mA)
0
60
80
100
16
3210 G11
40
20
50
70
90
30
10
0
4
2
8
6
12 14
18
10
20
VBAT = 3.6V
CLED PIN CURRENT (mA)
50
100
0
200
500
150
250
300
3210 G10
100
400
300
200
350 400
VBAT = 3.6V
VBAT VOLTAGE (V)
2.7
760
770
790
800
810
3.9
850
3210 G12
780
3.3
3.0
4.2
3.6
4.5
820
830
840
TA = 25°C
TA = –40°C
TA = 85°C
VBAT VOLTAGE (V)
2.7
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.6
4.2
3210 G13
3.0
3.3
3.9
4.5
TA = 25°C
TA = –40°C
TA = 85°C
VBAT VOLTAGE (V)
2.7
600
640
680
720
3.0
3.3
3.6
3.9
3210 G14
4.2
760
800
620
660
700
740
780
4.5
RM = 33.2k
RC = 24.3k
LOAD CURRENT (mA)
0
10
15
400
3210 G15
5
0
100
200
300
500
20
VBAT = 3.6V
LOAD CURRENT (mA)
0
10
15
400
3210 G16
5
0
100
200
300
500
20
VBAT = 3.6V
CLED PIN VOLTAGE (V)
0
240
320
400
0.8
3210 G17
160
80
200
280
360
120
40
0
0.2
0.4
0.6
1
VBAT = 3.6V
CLED Pin Dropout Voltage
vs CLED Pin Current
MLED Pin Dropout Voltage
vs MLED Pin Current
Oscillator Frequency
vs VBAT Voltage
VBAT Shutdown Current
vs VBAT Voltage
1x Mode No Load VBAT Current
vs VBAT Voltage
1.5x Mode Supply Current vs ICPO
(IVBAT – 1.5ICPO)
2x Mode Supply Current vs ICPO
(IVBAT – 2ICPO)
CLED Pin Current
vs CLED Pin Voltage
TA = 25°C unless otherwise stated.
typical perFormance characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com