Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology LTC3210 Datasheet HTML 10Page - Linear Technology LTC3210 Datasheet HTML 11Page - Linear Technology LTC3210 Datasheet HTML 12Page - Linear Technology LTC3210 Datasheet HTML 13Page - Linear Technology LTC3210 Datasheet HTML 14Page - Linear Technology LTC3210 Datasheet HTML 15Page - Linear Technology LTC3210 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3210

3210fb
package Description
3.00 0.10
(4 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.45 0.05
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 0.10
BOTTOM VIEW—EXPOSED PAD
1.45 0.10
(4-SIDES)
0.75 0.05
R = 0.115
TYP
0.25 0.05
1
PIN 1 NOTCH R = 0.20 TYP
OR 0.25 45 CHAMFER
15 16
2
0.50 BSC
0.200 REF
2.10 0.05
3.50 0.05
0.70 0.05
0.00 – 0.05
(UD16) QFN 0904
0.25 0.05
0.50 BSC
PACKAGE OUTLINE
UD Package
16-Lead Plastic QFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1691)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com