Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3210 Datasheet HTML 2Page - Linear Technology LTC3210 Datasheet HTML 3Page - Linear Technology LTC3210 Datasheet HTML 4Page - Linear Technology LTC3210 Datasheet HTML 5Page - Linear Technology LTC3210 Datasheet HTML 6Page - Linear Technology LTC3210 Datasheet HTML 7Page - Linear Technology LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology LTC3210 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3210

3210fb
VBAT (V)
2.9
0
10
30
40
50
3.8 3.95 4.1 4.25
90
3210 G21
20
3.05 3.2 3.35 3.5 3.65
4.4
60
70
80
300mA LED CURRENT
(TYP VF AT 300mA = 3.1V, AOT-2015HPW
TA = 25°C
NUMBER OF ENM STROBE PULSES
0
0
2
6
8
10
20
14
6
4
3
3210 G20
4
16
18
12
7
5
2
1
VBAT = 3.6V
RM = 33.2k
NUMBER OF ENC STROBE PULSES
0
350
5
3210 G19
200
100
7
6
4
50
0
400
300
250
150
3
2
1
VBAT = 3.6V
RC = 24.3k
CLED Current
vs ENC Strobe Pulses
MLED Current
vs ENM Strobe Pulses
Efficiency vs VBAT Voltage
TA = 25°C unless otherwise stated.
MLED Pin Current
vs MLED Pin Voltage
MLED PIN VOLTAGE (V)
0.00
6
18
20
22
0.04
0.08
0.12
3210 G18
2
14
10
4
16
0
12
8
0.02
0.06
0.16
0.20
0.10
0.14
0.18
VBAT = 3.6V
typical perFormance characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com