Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 3 Page - Linear Technology

  LTC3210 Datasheet HTML 1Page - Linear Technology LTC3210 Datasheet HTML 2Page - Linear Technology LTC3210 Datasheet HTML 3Page - Linear Technology LTC3210 Datasheet HTML 4Page - Linear Technology LTC3210 Datasheet HTML 5Page - Linear Technology LTC3210 Datasheet HTML 6Page - Linear Technology LTC3210 Datasheet HTML 7Page - Linear Technology LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3210

3210fb
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2µF, RM = 30.1k, RC = 24.3k,
ENM = high, unless otherwise noted.
Note 3: The LTC3210E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
Note 5: If the part has been shut down then the initial enable time is about
100µs longer due to the bandgap enable time.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤10% under absolute maximum conditions
for durations less than 10 seconds. Maximum current for continuous
operation is 300mA.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Unused MLED Detection
Test Current
MLED Tied to CPO
l
4
16
µA
Threshold Voltage
VCPO – VMLED
l
0.5
1.5
V
CLED Current
LED Current Ratio (ICLED/IRC)
ICLED = Full Scale
l
6750
7500
8250
A/A
LED Dropout Voltage
Mode Switch Threshold, ICLED = Full Scale
500
mV
CLED Current, 3-Bit Linear DAC
1 ENC Strobe (FS)
7 ENC Strobes (FS/7)
380
54
mA
mA
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VBAT
V
1.5x Mode Output Voltage
ICPO = 0mA
4.55
V
2x Mode Output Voltage
ICPO = 0mA
5.05
V
1x Mode Output Impedance
0.5
Ω
1.5x Mode Output Impedance
VBAT = 3.4V, VCPO = 4.6V (Note 4)
3.15
Ω
2x Mode Output Impedance
VBAT = 3.2V, VCPO = 5.1V (Note 4)
3.95
Ω
CLOCK Frequency
0.8
MHz
Mode Switching Delay
0.4
ms
CPO Short Circuit Detection
Threshold Voltage
l
0.4
1.3
V
Test Current
CPO = 0V, ENM = ENC = Low
l
10
30
mA
ENC, ENM
VIL
l
0.4
V
VIH
l
1.4
V
IIH
ENM = ENC = 3.6V
l
10
15
20
µA
IIL
ENM = ENC = 0V
l
–1
1
µA
ENC, ENM Timing
tPW
Minimum Pulse Width
l
60
ns
tSD
Low Time to Shutdown (ENC and ENM = Low)
l
50
150
250
µs
tEN
Current Source Enable Time
(ENC or ENM = High) (Note 5)
l
50
150
250
µs
RM, RC
VRM, VRC
l
1.16
1.20
1.24
V
IRM, IRC
l
70
µA
electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com