Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6905 Datasheet HTML 3Page - Linear Technology LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology LTC6905 Datasheet HTML 9Page - Linear Technology LTC6905 Datasheet HTML 10Page - Linear Technology LTC6905 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6905
7
6905fd
THEORY OF OPERATION
As shown in the Block Diagram, the LTC6905’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current entering the SET pin
(IRES). The voltage on the SET pin is forced to approxi-
mately 1V below V+ by the PMOS transistor and its gate
bias voltage.
A resistor RSET, connected between the V+ and SET pins,
“locks together” the voltage (V+ – VSET) and current, IRES,
variation. This provides the LTC6905’s high precision. The
master oscillation frequency reduces to:
f
MHz
k
R
MHz
MO
SET
=
Ω
+
168 5
10
15
.•
.
To extend the output frequency range, the master oscillator
signal is divided by 1, 2 or 4 before driving OUT (Pin 5).
The LTC6905 is optimized for use with resistors between
10k and 25k, corresponding to oscillator frequencies
between 17.225MHz and 170MHz. The divide-by value is
determined by the state of the DIV input (Pin 4). Tie DIV to
V+ or drive it to within 0.4V of V+ to select ÷1. This is the
highest frequency range, with the master output frequency
passed directly to OUT. The DIV pin may be floated or driven
to midsupply to select ÷2, the intermediate frequency
range. The lowest frequency range, ÷4, is selected by
tying DIV to GND or driving it below 0.5V. Figure 1 shows
the relationship between RSET, divider setting and output
frequency, including the overlapping frequencies.
OUTPUT FREQUENCY (MHz)
10
15
20
÷4 ÷2
÷1
6905 F01
10
5
60
110
160
30
25
Figure 1. RSET vs Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com