Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology LTC6905 Datasheet HTML 9Page - Linear Technology LTC6905 Datasheet HTML 10Page - Linear Technology LTC6905 Datasheet HTML 11Page - Linear Technology LTC6905 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC6905
8
6905fd
APPLICATIONS INFORMATION
to 90% of the rise or fall transition). If the total output rise
time plus fall time is arbitrarily specified to be equal to
or less than 20% of the oscillator’s period (1/fOSC), then
the maximum output CLOAD in picofarads (pF) should be
equal to or less than [45454/(ROUT • fOSC)] (ROUT in ohms
and fOSC in MHz).
Example: An LTC6905 is operating with a 3V power supply
and is set for a fOSC = 50MHz.
ROUT with V+ = 3V is 27Ω (using the ROUT vs V+ graph in
the Typical Performance Characteristics).
The maximum output CLOAD should be equal to or less
than [45454/(27 • 50)] = 33.6pF.
The lowest resistive load Pin 5 can drive can be calculated
using the minimum high level output voltage in the Electrical
Characteristics. With a V+ equal to 5.5V and 4mA output
current, the minimum high level output voltage is 5V and
the lowest resistive load Pin 5 can drive is 1.25k (5V/4mA).
With a V+ equal to 2.7V and 4mA output current, the
minimum high level output voltage is 1.9V and the lowest
resistive load Pin 5 can drive is 475Ω (1.9V/4mA).
FREQUENCY ACCURACY AND POWER SUPPLY NOISE
The frequency accuracy of the LTC6905 may be affected
when its power supply generates noise with frequency
contents equal to fMO/64 or its multiples (fMO is the
internal LTC6905 master oscillator frequency before the
divider and fMO/64 is the master oscillator control loop
frequency). If for example, the master oscillator frequency
is set equal to 80MHz and the LTC6905 is powered by a
switching regulator, then the oscillator frequency may
show an additional error if the switching frequency is
1.4MHz (80MHz/64).
JITTER AND POWER SUPPLY NOISE
If the LTC6905 is powered by a supply that has frequency
contents equal to the output frequency then the oscillators
jitter may increase. In addition, power supply ripple in
excess of 20mV at any frequency may increase jitter.
SELECTING THE DIVIDER SETTING AND RESISTOR
The LTC6905’s master oscillator has a frequency range
spanning 68.9MHz to 170MHz. A programmable divider
extends the frequency range from 17.225MHz to 170MHz.
Table 1 describes the recommended frequencies for each
divider setting. Note that the ranges overlap; at some fre-
quencies there are two divider/resistor combinations that
result in the same frequency. Choosing a higher divider
setting will result in less jitter at the expense of slightly
higher supply current.
Table 1. Frequency Range vs Divider Setting
DIVIDER SETTING
FREQUENCY RANGE
÷1
⇒
DIV (Pin 4) = V+
68.9MHz to 170MHz
÷2
⇒
DIV (Pin 4) = Floating
34.45MHz to 85MHz
÷4
⇒
DIV (Pin 4) = GND
17.225MHz to 43MHz
After choosing the proper divider setting, determine the
correct frequency-setting resistor. Because of the linear
correspondence between oscillation period and resistance,
a simple equation relates resistance with frequency.
Rk
MHz
fN
MHz
N
SET
OSC
=
⎛
⎝
⎜
⎞
⎠
⎟
⎧
10
168 5
15
1
2
4
•
.
•– .
,= ⎨⎨
⎪
⎩
⎪
(RSETMIN = 10k, RSETMAX = 25k)
Any resistor, RSET, tolerance adds to the inaccuracy of
the oscillator. fOSC.
START-UP TIME
The start-up time and settling time to within 1% of the
final frequency is typically 100μs.
MAXIMUM OUTPUT LOAD
The LTC6905 output (Pin 5) can drive a capacitive load
(CLOAD) of 5pF or more. Driving a CLOAD greater than 5pF
depends on the oscillator’s frequency (fOSC) and output
resistance (ROUT). The output rise time or fall time due to
ROUT and CLOAD is equal to 2.2 • ROUT • CLOAD (from 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com