Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology LTC6905 Datasheet HTML 9Page - Linear Technology LTC6905 Datasheet HTML 10Page - Linear Technology LTC6905 Datasheet HTML 11Page - Linear Technology LTC6905 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6905
9
6905fd
APPLICATIONS INFORMATION
JITTER AND DIVIDE RATIO
At a given output frequency, a higher master oscillator
frequency and a higher divide ratio will result in lower
jitter and higher power supply dissipation. Indeterminate
jitter percentage will decrease by a factor of slightly less
than the square root of the divider ratio, while determinate
jitter will not be similarly attenuated. Please consult the
specification tables and Jitter vs Frequency graph showing
jitter at various divider ratios.
JITTER AND STRAY CAPACITANCE ON THE SET PIN
(PIN 3)
The stray capacitance on the SET pin (Pin 3) should be
limited to 10pF or less to avoid increased jitter or unstable
oscillation.
LTC6905 SUGGESTED CRITICAL COMPONENT LAYOUT
In order to provide the specified performance, it is re-
quired that the frequency setting resistor RSET and the
supply bypass capacitor be placed as close as possible
to the LTC6905. The following additional rules should be
followed for best performance:
1) The bypass capacitor must be placed as close as possible
to the LTC6905, and no vias should be placed between
the capacitor and the LTC6905. The bypass capacitor
must be on the same side of the circuit board as the
LTC6905.
2) The resistor RSET should be placed as close as possible
to the LTC6905, and the connection of RSET to VCC
should be closely shared with the bypass capacitor.
The resistor RSET may be placed on the opposite side
of the board from the LTC6905, directly underneath the
bypass capacitor.
3) If a ground plane is used, the connection of the LTC6905
to the ground plane should be as close as possible
to the LTC6905 GND pin and should be composed of
multiple, high current capacity vias.
LTC6905
6905 F02
C
R
Figure 2. LTC6905 Suggested Critical Component Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com