Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 4 Page - Linear Technology

  LTC6905 Datasheet HTML 1Page - Linear Technology LTC6905 Datasheet HTML 2Page - Linear Technology LTC6905 Datasheet HTML 3Page - Linear Technology LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology LTC6905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6905
4
6905fd
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Frequency
Frequency Error vs RSET
Frequency Error vs Supply Voltage
FREQUENCY (MHz)
0
10
12
14
200
6905 G01
8
÷4
÷4
÷1
÷1
6
0
2
50
100
150
4
18
16
5.5V
2.7V
÷2
÷2
RSET (kΩ)
10
0
0.20
0.40
22
6905 G02
–0.20
–0.40
12
14
16
18
20
24
–0.60
–0.80
0.60
SUPPLY VOLTAGE (V)
2.5
–0.40
–0.20
0.20
0.40
0.60
4.5
1.40
6905 G03
0
3.5
3
5
4
5.5
0.80
1.00
1.20
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Low Level Output Voltage (Note 4)
V+ = 5.5V, Pin 4 = 0V
IOL = 1mA
IOL = 4mA
l
l
0.05
0.2
0.25
0.3
V
V
V+ = 2.7V, Pin 4 = 0V
IOL = 1mA
IOL = 4mA
l
l
0.1
0.4
0.3
0.5
V
V
tr, tf
OUT Rise/Fall Time (Note 5)
0.5
ns
VSET
Voltage at RSET Pin
V+ = 5.5V
V+ = 2.7V
l
l
4.27
1.61
4.5
1.7
4.73
1.79
V
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C or as noted. V+ = 2.7V to 5.5V, RL = 15k, CL = 5pF, Pin 4 = V+ unless
otherwise noted. All voltages are with respect to GND.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Frequency accuracy is defined as the deviation from the fOSC
equation. Accuracy is tested with DIV = V+, N = 1 and other divide ratios
are guaranteed by design.
Note 3: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
Note 4: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 5: Output rise and fall times are measured between the 10% and
90% power supply levels.
Note 6: A heat sink may be required to keep the junction temperature
below the absolute maximum when the output is shorted indefinitely.
Note 7: The LTC6905C is guaranteed functional over the operating
temperature range.
Note 8: The LTC6905C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6905C-XXX is designed, characterized and expected
to meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6905I-XXX is guaranteed to meet
specified performance from –40°C to 85°C.
Note 9: The LTC6905 is optimized for the performance with a 3V power
supply voltage. Please consult LTC Marketing for parts optimized for 5V
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com