Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 3 Page - Linear Technology

  LTC6905 Datasheet HTML 1Page - Linear Technology LTC6905 Datasheet HTML 2Page - Linear Technology LTC6905 Datasheet HTML 3Page - Linear Technology LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology LTC6905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6905
3
6905fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C or as noted. V+ = 2.7V to 5.5V, RL = 15k, CL = 5pF, Pin 4 = V+ unless
otherwise noted. All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Δf
Frequency Accuracy (Notes 2, 9)
V+ = 2.7V, 17.225MHz < f < 170MHz
V+ = 5V, 17.225MHz < f < 170MHz
LTC6905CS5
V+ = 2.7V, 17.225MHz < f < 170MHz
V+ = 5V, 17.225MHz < f < 170MHz
LTC6905MPS5 (25°C ≤ T ≤ 125°C),
LTC6905HS5 (25°C ≤ T ≤ 125°C),
LTC6905IS5 (25°C ≤ T ≤ 85°C)
V+ = 2.7V, 17.225MHz < f < 170MHz
V+ = 5V, 17.225MHz < f < 170MHz
LTC6905MPS5 (–55°C < T < 125°C),
LTC6905HS5 (–40°C ≤ T ≤ 125°C),
LTC6905IS5 (–40°C ≤ T ≤ 85°C)
V+ = 2.7V, 17.225MHz < f < 170MHz
V+ = 5V, 17.225MHz < f < 170MHz
l
l
l
l
±0.5
±1.4
±2.2
±1.7
±2.5
±1.9
±2.9
±3.5
±3.5
%
%
%
%
%
%
%
%
Δf
Frequency Accuracy (Notes 2, 9)
RSET
Frequency-Setting Resistor Range
10
25
kΩ
fMAX
Maximum Frequency
Pin 4 = V+, N = 1
170
MHz
fMIN
Minimum Frequency
Pin 4 = 0V, N = 4
17.225
MHz
Δf/ΔT
Freq Drift Over Temp (Note 2)
RSET = 10k
l
±20
ppm/°C
Δf/ΔV
Freq Drift Over Supply (Notes 2, 9)
V+ = 2.7V to 5.5V, RSET = 10k
l
0.5
%/V
Peak-to-Peak Timing Jitter (Note 3)
0.8
%
Long-Term Stability of Output Frequency
300
ppm/√kHr
Duty Cycle
l
47.5
50
52.5
%
V+
Operating Supply Range
l
2.7
5.5
V
IS
Power Supply Current
RSET = 10k, N = 1, RL = ∞,
fOSC = 170MHz, CL = 5pF
V+ = 5.5V
V+ = 2.7V
l
l
14
7
20
12
mA
mA
RSET = 20k, N = 4, RL = ∞,
fOSC = 21.44MHz, CL = 5pF
V+ = 5.5V
V+ = 2.7V
l
l
5
3
7
5
mA
mA
VIH
High Level DIV Input Voltage
l V+ – 0.15
V
VIL
Low Level DIV Input Voltage
l
0.2
V
IDIV
DIV Input Current (Note 4)
Pin 4 = V+
Pin 4 = 0V
V+ = 5.5V
V+ = 5.5V
l
–40
15
–11
40
μA
μA
VOH
High Level Output Voltage (Note 4)
V+ = 5.5V, Pin 4 = 0V
IOH = –1mA
IOH = –4mA
l
l
5.25
5.20
5.45
5.30
V
V
V+ = 2.7V, Pin 4 = 0V
IOH = –1mA
IOH = –4mA
l
l
2.5
2.4
2.6
2.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com