Electronic Components Datasheet Search
  English  ▼

X  

UM0324 Datasheet(PDF) 75 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 71Page - STMicroelectronics UM0324 Datasheet HTML 72Page - STMicroelectronics UM0324 Datasheet HTML 73Page - STMicroelectronics UM0324 Datasheet HTML 74Page - STMicroelectronics UM0324 Datasheet HTML 75Page - STMicroelectronics UM0324 Datasheet HTML 76Page - STMicroelectronics UM0324 Datasheet HTML 77Page - STMicroelectronics UM0324 Datasheet HTML 78Page - STMicroelectronics UM0324 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 105 page
background image
UM0324
Library functions
75/105
ENC_Get_Average_Speed
TIMx_UP_IRQHandler
- interrupt routine
Synopsis
s16 ENC_Get_Average_Speed(void)
Description
This function returns the average rotor speed in Hz.The value
returned is given with 0.1Hz resolution, which means that 1234 is
equal to 123.4 Hz.
Input
None
Output
Signed 16 bits
Functions called
ENC_Get_Speed()
Note
The averaging is done with the values stored in ‘Speed_Buffer[]’. The
size of this buffer is set through the ‘SPEED_BUFFER_SIZE’
statement, which must be equal to a power of 2 to allow the use of
the shift operation for divisions.
This routine returns the mechanical frequency of the rotor. To find the
electrical speed, use the following conversion:
electrical frequency = mechanical frequency * number of pole pairs
Synopsis
void TIMx_UP_IRQHandler(void)
Description
This is the encoder timer (TIMER 0, 1 or 2) update routine. An
interruption is generated whenever an overflow/underflow of the
counter value occurs (TIM_CNT). The ‘Encoder_Timer_Overflow’
variable is then incremented.
Functions called
None
Note
This is an interrupt routine.
See also
STR750 Datasheet: Synchronizable Standard Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com