Electronic Components Datasheet Search
  English  ▼

X  

UM0324 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics UM0324 Datasheet HTML 36Page - STMicroelectronics UM0324 Datasheet HTML 37Page - STMicroelectronics UM0324 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
Running the demo program
UM0324
34/105
3.6
Note on debugging tools
The third party JTAG interface should always be isolated from the application using the
MB535 JTAG opto-isolation board; it provides protection for both the JTAG interface and the
PC connected to it.
Caution:
During a breakpoint, when using the JTAG interface for the firmware development, the motor
control cell clock circuitry should always be enabled; if disabled, a permanent DC current
may flow in the motor because the PWM outputs are enabled, which could cause
permanent damage to the power stage and/or motor. A dedicated bit in the PWM_CR, the
DBGC bit must be set to 1 (see Figure 18).
Figure 18.
DBGC bit in PWM control register (extract from STR750 reference
manual)
Control Register (PWM_CR)
Address Offset: 00h
Reset value: 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com