Electronic Components Datasheet Search
  English  ▼

X  

UM0324 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 12Page - STMicroelectronics UM0324 Datasheet HTML 13Page - STMicroelectronics UM0324 Datasheet HTML 14Page - STMicroelectronics UM0324 Datasheet HTML 15Page - STMicroelectronics UM0324 Datasheet HTML 16Page - STMicroelectronics UM0324 Datasheet HTML 17Page - STMicroelectronics UM0324 Datasheet HTML 18Page - STMicroelectronics UM0324 Datasheet HTML 19Page - STMicroelectronics UM0324 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
Getting started with the library
UM0324
16/105
2
Getting started with the library
2.1
Introduction to AC induction motor FOC drive
The AC IM IFOC software library is designed to achieve the high dynamic performance in
AC motor control offered by the field oriented control (FOC) strategy.
Through complex machine electrical quantity transformations, this well-established drive
system optimizes the control of the motor, to the extent that it is able to offer decoupled
torque (Te) and magnetic flux (λ) regulation. That is, it offers the same optimum and
favorable conditions as DC motors but, in this case, carried out with rugged and powerful AC
induction motors.
With this approach, it can be stated that the two currents iqsλ
r and i
ds
λr, derived from stator
currents, have in AC Induction Motor (IM) the same role that armature and field currents
have in DC motors: the first is proportional to mechanical torque the second to the rotor flux.
In more detail, in the context of FOC, rotor flux position is indirectly calculated, starting from
transformed equations of the machine, by means of known motor parameters and stator
current measurements: this is why the controller is an indirect controller and, hence the
phrase IFOC drive.
In other words, it can be stated that IFOC drive is halfway between dynamic controllers
(speed, position …) and machine core. So, the system may well be depicted as in Figure 6,
if introduced in a loop for speed control.
Figure 6.
FOC drive placed in a speed loop
Basic information on field oriented structure and library functions is represented in Figure 7.
●
The
θλr calculation block estimates rotor flux angle, which is essential to transformation
blocks (Park, Reverse Park) for performing field orientation, so that the currents
supplied to the machine can be oriented in phase and in quadrature to the rotor flux
vector. More in depth information about reference frame theory and FOC structure is
available in [1][2] and Section 4.4.3 on page 61.
●
The space vector PWM block (SVPWM) implements an advanced modulation method
that reduces current harmonics, thus optimizing DC bus exploitation.
●
The current reading block allows the system to measure stator currents correctly, using
either cheap shunt resistors or market-available isolated current Hall sensors (ICS).
●
The speed-reading block handles tachogenerator or incremental encoder signals in
order to acquire properly rotor angular velocity or position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com