Electronic Components Datasheet Search
  English  ▼

X  

UM0324 Datasheet(PDF) 98 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 94Page - STMicroelectronics UM0324 Datasheet HTML 95Page - STMicroelectronics UM0324 Datasheet HTML 96Page - STMicroelectronics UM0324 Datasheet HTML 97Page - STMicroelectronics UM0324 Datasheet HTML 98Page - STMicroelectronics UM0324 Datasheet HTML 99Page - STMicroelectronics UM0324 Datasheet HTML 100Page - STMicroelectronics UM0324 Datasheet HTML 101Page - STMicroelectronics UM0324 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
Additional information
UM0324
98/105
A.2
Selecting PWM frequency for 3 shunt resistor configuration
Beyond the well known trade-off between acoustical noise and power dissipation,
consideration should be given to selecting the PWM switching frequency using the AC IM
IFOC software library.
As discussed in Section 4.2.5 on page 43, depending on the PWM switching frequency, a
limitation on the maximum applicable duty cycle could occur if using three shunt resistor
configuration for current reading. Table 2: PWM frequency vs maximum duty cycle
relationship on page 51, summarizes the performance of the system when the software
library is used in conjunction with STR750-MCKIT hardware.
Note:
The MB459 board is an evaluation platform; it is designed to support different motor driving
topologies (PMSM and AC induction) and current reading strategies (single and three shunt
resistors). Therefore, the figures given in Table 2 on page 51 should be understood as a
starting point and not as a best case.
Moreover, to keep the synchronization between TIM0 and PWM peripherals, it is always
necessary to finish executing the IFOC algorithm before the next PWM period begins as
shown in Figure 49.
Figure 49.
AD conversions for three shunt topology stator currents reading and
IFOC algorithm execution when REP_RATE=1
Given that the raw execution time of the IFOC algorithm is around 27.5µs and that other
delays (such as the time necessary to enter ADC ISR) have to be considered, this limits to
about 12.5 kHz the maximum IFOC algorithm execution rate when using REP_RATE =1.
However, no limitations occur in the typical range of PWM frequencies when using
REP_RATE=3
.
The following table summarizes the performance of the system for different PWM
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com