Electronic Components Datasheet Search
  English  ▼

X  

PD17012 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PD17012
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PD17012 Datasheet HTML 45Page - Renesas Technology Corp PD17012 Datasheet HTML 46Page - Renesas Technology Corp PD17012 Datasheet HTML 47Page - Renesas Technology Corp PD17012 Datasheet HTML 48Page - Renesas Technology Corp PD17012 Datasheet HTML 49Page - Renesas Technology Corp PD17012 Datasheet HTML 50Page - Renesas Technology Corp PD17012 Datasheet HTML 51Page - Renesas Technology Corp PD17012 Datasheet HTML 52Page - Renesas Technology Corp PD17012 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 320 page
background image
µPD17012, 17P012
47
Data Sheet U10101EJ4V0DS
5.7 General Register Pointer (RP)
5.7.1 Configuration of general register pointer
Figure 5-7 shows the configuration of the general register pointer.
As shown in this figure, the general register pointer consists of 7 bits: 4 bits of address 7DH (RPH) of the
system register and the higher 3 bits of address 7EH (RPL). However, because the higher 2 bits of address
7DH are always fixed to 0, actually the lower 5 bits of this register (the lower 2 bits of address 7DH and the higher
3 bits of address 7EH) are valid.
Figure 5-7. Configuration of General Register Pointer
Address
Name
Symbol
Bit
Data
Power-on
Clock stop
CE
7DH
7EH
General register pointer
(RP)
RPH
RPL
b3
0
b2
0
b1
b0
b3
b2
b1
b0
0
0
0
0
0
0
M
S
B
L
S
B
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com