Electronic Components Datasheet Search
  English  ▼

X  

PD17012 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # PD17012
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button PD17012 Datasheet HTML 93Page - Renesas Technology Corp PD17012 Datasheet HTML 94Page - Renesas Technology Corp PD17012 Datasheet HTML 95Page - Renesas Technology Corp PD17012 Datasheet HTML 96Page - Renesas Technology Corp PD17012 Datasheet HTML 97Page - Renesas Technology Corp PD17012 Datasheet HTML 98Page - Renesas Technology Corp PD17012 Datasheet HTML 99Page - Renesas Technology Corp PD17012 Datasheet HTML 100Page - Renesas Technology Corp PD17012 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 320 page
background image
µPD17012, 17P012
95
Data Sheet U10101EJ4V0DS
10.6.7 Port YA (PYA) group register
The PYA group register sets the output data of the PYA pins (PYA0 through PYA15).
The PYA pins can set 16-bit output data all at once.
The function of the PYA group register is illustrated below.
b15 b14 b13 b12 b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Name
Peripheral register
Symbol
PYA
Valid data
42H
Sets output data of port YA
Port YA
group
register
LCD0/KS0/PYA0 pin
LCD1/KS1/PYA1 pin
LCD2/KS2/PYA2 pin
LCD3/KS3/PYA3 pin
LCD4/KS4/PYA4 pin
LCD5/KS5/PYA5 pin
LCD6/KS6/PYA6 pin
LCD7/KS7/PYA7 pin
LCD8/KS8/PYA8 pin
LCD9/KS9/PYA9 pin
LCD10/KS10/PYA10 pin
LCD11/KS11/PYA11 pin
LCD12/KS12/PYA12 pin
LCD13/KS13/PYA13 pin
LCD14/KS14/PYA14 pin
LCD15/KS15/PYA15 pin
Low-level output
High-level output
0
1
Data buffer
DBF3
DBF2
DBF1
DBF0
Transfer data
16
GET can be executed
PUT can be executed
Peripheral
address
Port YA is alternately used with key source signal output pins.
Therefore, the PYA group register (peripheral address: 42H) is alternately used with the key source data register
(peripheral address: 42H), which is to be described later.
Consequently, the PYA group register is used to set the output data of port YA when the LCD0/KS0/PYA0 to LCD15/
KS15/PYA15 pins are specified as output port pins, and key source signal output data when these pins are specified
as key source signal output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com