Electronic Components Datasheet Search
  English  ▼

X  

PD17012 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD17012
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD17012 Datasheet HTML 18Page - Renesas Technology Corp PD17012 Datasheet HTML 19Page - Renesas Technology Corp PD17012 Datasheet HTML 20Page - Renesas Technology Corp PD17012 Datasheet HTML 21Page - Renesas Technology Corp PD17012 Datasheet HTML 22Page - Renesas Technology Corp PD17012 Datasheet HTML 23Page - Renesas Technology Corp PD17012 Datasheet HTML 24Page - Renesas Technology Corp PD17012 Datasheet HTML 25Page - Renesas Technology Corp PD17012 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 320 page
background image
µPD17012, 17P012
20
Data Sheet U10101EJ4V0DS
Pin No.
Symbol
Function
Output Format
After Power-on
64-Pin
80-Pin
Reset
42 to
50
LCD15/KS15/PYA15
Port YA. Segment signal output of LCD controller/
CMOS
Low-level output
57
52
to
driver and key source signal output of key matrix.
push-pull
53
LCD0/KS0/PYA0
• PYA15 to PYA0
55
• 16-bit output port
to
• LCD15 to LCD0
67
• LCD controller/driver segment signal outputs
• KS15 to KS0
• Key matrix key source signal outputs
59 to
73
P0D3/K3 to
Port 0D. Key source signal return input of LCD
−
Input with pull-
62
to
P0D0/K0
segment.
down resistor
76
• P0D3 to P0D0
• 4-bit input port
• K3 to K0
• Key source signal return inputs
64
78
INT
Vector interrupt pin for edge detection.
−
Input
Rising or falling edge can be selected.
(2) PROM programming mode (
µPD17P012 only)
Pin No.
Symbol
Function
Output Format
64-Pin
80-Pin
4
3, 4
VDD1
Positive power supply. Supply +6 V to these pins when writing, reading,
−
8
8, 9
VDD2
or verifying the program memory.
12 to 13, 14,
D4 to D7
8-bit data I/O when writing, reading, or verifying the program memory.
CMOS push-pull
15
16, 17
20 to 22, 24
D0 to D3
23
to 26
25
28
CLK
Clock input to update addresses when writing, reading, or verifying the
−
program memory.
26, 58 30, 69,
GND
Ground.
−
31, 71
59 to
73 to
MD3 to MD0
Input to select the operation mode when writing, reading, or verifying the
−
62
76
program memory.
64
78
VPP
Pin to apply the program voltage when writing, reading, or verifying the
−
program memory. Apply +12.5 V.
Remark
Pins not listed above are not used in the PROM programming mode. For the processing of unused pins,
refer to (2)
µPD17P012 (b) PROM programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com