Electronic Components Datasheet Search
  English  ▼

X  

PD17012 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD17012
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD17012 Datasheet HTML 1Page - Renesas Technology Corp PD17012 Datasheet HTML 2Page - Renesas Technology Corp PD17012 Datasheet HTML 3Page - Renesas Technology Corp PD17012 Datasheet HTML 4Page - Renesas Technology Corp PD17012 Datasheet HTML 5Page - Renesas Technology Corp PD17012 Datasheet HTML 6Page - Renesas Technology Corp PD17012 Datasheet HTML 7Page - Renesas Technology Corp PD17012 Datasheet HTML 8Page - Renesas Technology Corp PD17012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 320 page
background image
DATA SHEET
©
1994, 2000
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µPD17012, 17P012
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH
DIGITAL TUNING SYSTEM HARDWARE
DESCRIPTION
The
µPD17012 is a 4-bit single-chip CMOS microcontroller equipped with hardware for digital tuning systems.
The
µPD17P012 is a version of the µPD17012 with one-time PROM instead of mask ROM.
The user can write programs to the
µPD17P012 once, and it is ideal for experimental production of the µPD17012
during system design or small-scale production.
This series employs a 17K architecture CPU that can directly manipulate the data memory, execute various
operations, and control the peripheral hardware with a single instruction. All the instructions are one-word 16-bit
instructions. Besides various I/O ports, an LCD controller/driver, A/D converter, D/A converter (PWM output), and
BEEP output, this microcontroller has a prescaler that can operate at up to 250 MHz, a PLL frequency synthesizer,
and frequency counter for digital tuning systems. This series therefore ideal for configuring a high-performance, multi-
functional digital tuning system on a single chip.
FEATURES
•
17K architecture: General-purpose register method
•
Program memory (ROM)
µPD17012: Mask ROM
8 KB (4,096
× 16 bits)
µPD17P012: One-time PROM
8 KB (4,096
× 16 bits)
•
General-purpose data memory (RAM)
316
× 4 bits
•
Instruction execution time
4.44
µs (with 4.5 MHz crystal resonator)
•
Decimal operation
•
Table reference
•
Hardware for PLL frequency synthesizer
Dual modulus prescaler (250 MHz max.), programmable
divider, phase comparator, charge pump
•
Various peripheral hardware
General-purpose I/O ports, LCD controller/driver, serial
interface, A/D converter, D/A converter (PWM output),
BEEP output, frequency counter
•
Interrupts
External: 1
Internal:
3
•
Power-on-reset, reset by CE pin, and power failure
detector
•
Power-saving CMOS
•
Supply voltage: VDD = 5 V
±10%
The mark
shows major revised points.
Document No. U10101EJ4V0DS00 (4th edition)
Date Published August 2001 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com