Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PD16724 Datasheet HTML 3Page - Renesas Technology Corp PD16724 Datasheet HTML 4Page - Renesas Technology Corp PD16724 Datasheet HTML 5Page - Renesas Technology Corp PD16724 Datasheet HTML 6Page - Renesas Technology Corp PD16724 Datasheet HTML 7Page - Renesas Technology Corp PD16724 Datasheet HTML 8Page - Renesas Technology Corp PD16724 Datasheet HTML 9Page - Renesas Technology Corp PD16724 Datasheet HTML 10Page - Renesas Technology Corp PD16724 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet S16086EJ1V0DS
5
µµµµPD16724
(2/3)
Pin Symbol
Pin Name
I/O
Description
POL
Polarity input
Input
The relation between POL and output is as follows.
Input of the POL signal is allowed the setup time (tPOL-STB) with respect to STB’s
rising edge.
MODE1 = H or open:
When it switches such as POL = H
→L or L→H, all output pins are output reset
during STB = H. When it does not switch, all output pins become Hi-Z during
STB = H. Refer to 7. RELATIONSHIP BETWEEN MODE, STB, SRC, ORC,
POL AND OUTPUT WAVEFORM for details.
MODE1
Output reset control
Input
MODE1 is pulled up to the VDD1 in the IC.
MODE1 = H or open: During an STB = H period, output is reset between all-
output pins.
MODE1 = L: During an STB = H period, output is Hi-Z between all-output pins.
MODE2
Slew rate control
mode switching
Input
MODE2 is pulled down to the VSS1 in the IC.
MODE2 = H: High slew rate period is controlled from the outside (SRC1 is
good).
MODE2 = L or open: High slew rate period is formed inside the IC (SRC2 is
good).
POL21,
POL22
Data inversion
Input
Select of inversion or no inversion for input data.
POL21: Data inversion or no inversion of Port1
POL22: Data inversion or no inversion of Port2
POL21, POL22 = H: Data are inverted in the IC.
POL21, POL22 = L: Data are not inverted in the IC.
LPC
Bias current control
Input
LPC is pulled up to the VDD1 in the IC.
LPC = H or open: VDD2 = 12.0 V to (13.0 V) normal static-current-consumption
mode
LPC = L: VDD2 = (13.0 V) to 15.0 V static-current-consumption cut mode
V0 to V17
γ -corrected power
supplies
Input
Input the
γ -corrected power supplies from outside by using operational
amplifier. During the gray-scale-voltage output, be sure to keep the gray scale
level power supply at a constant level. Make sure to maintain the following
relationships.
VDD2
− 0.2 V ≥ V0 > V1 > V2 > ... ... > V7 > V8 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V9 > V10 > V11 > ... ..., > V16 > V17 ≥ 0.5 VSS2 + 0.2 V
or
VDD2
− 0.2 V ≥ V8 > V7 > V6 > ... ... > V1 > V0 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V17 > V16 > V15 > ... ... > V10 > V9 ≥ 0.5 VSS2 + 0.2 V
Remark Hi-Z: High impedance
POL
S12n, S12n −3, S12n −4, S12n −7,
S12n −8, S12n −11
Note
S12n −1, S12n −2, S12n −5, S12n −6,
S12n −9, S12n −10
Note
LV0 to V8
V9 to V17
HV9 to V17
V0 to V8
Note n = 1,2, ..., 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com