Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD16724 Datasheet HTML 18Page - Renesas Technology Corp PD16724 Datasheet HTML 19Page - Renesas Technology Corp PD16724 Datasheet HTML 20Page - Renesas Technology Corp PD16724 Datasheet HTML 21Page - Renesas Technology Corp PD16724 Datasheet HTML 22Page - Renesas Technology Corp PD16724 Datasheet HTML 23Page - Renesas Technology Corp PD16724 Datasheet HTML 24Page - Renesas Technology Corp PD16724 Datasheet HTML 25Page - Renesas Technology Corp PD16724 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet S16086EJ1V0DS
20
µµµµPD16724
Timing Requirements (TA =
−10 to +75°°°°C, VDD1 = 2.3 to 3.6 V, VSS1 = 0 V, tr = tf = 5.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLK
2.3 V
≤ VDD1 < 3.0 V
20
ns
3.0 V
≤ VDD1 ≤ 3.6 V
17
ns
Clock pulse high period
PWCLK(H)
2.3 V
≤ VDD1 < 3.0 V
5
ns
3.0 V
≤ VDD1 ≤ 3.6 V
3
ns
Clock pulse low period
PWCLK(L)
2.3 V
≤ VDD1 < 3.0 V
5
ns
3.0 V
≤ VDD1 ≤ 3.6 V
3
ns
Data setup time
tSETUP1
0ns
Data hold time
tHOLD1
3ns
Start pulse setup time
tSETUP2
0ns
Start pulse hold time
tHOLD2
3ns
POL21, POL22 setup time
tSETUP3
0ns
POL21, POL22 hold time
tHOLD3
3ns
STB pulse width
PWSTB
1.0
µs
2CLK
Last data timing
tLDT
2CLK
STB-CLK time
tSTB-CLK
STB
↑→ CLK↑
4ns
Time between STB and start pulse
tSTB-STH
STB
↑→ STHR (STHL) ↑
2CLK
POL-STB time
tPOL-STB
POL
↑ or ↓→ STB ↑
4ns
STB-POL time
tSTB-POL
STB
↓→ POL ↓ or ↑
4ns
STB-SRC time
tSTB-SRC1
STB
↑ → SRC1 ↑
0ns
Remark Unless otherwise specified, the input level is defined to be VIH = 0.7 VDD1, VIL = 0.3 VDD1.
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com