Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD16724 Datasheet HTML 4Page - Renesas Technology Corp PD16724 Datasheet HTML 5Page - Renesas Technology Corp PD16724 Datasheet HTML 6Page - Renesas Technology Corp PD16724 Datasheet HTML 7Page - Renesas Technology Corp PD16724 Datasheet HTML 8Page - Renesas Technology Corp PD16724 Datasheet HTML 9Page - Renesas Technology Corp PD16724 Datasheet HTML 10Page - Renesas Technology Corp PD16724 Datasheet HTML 11Page - Renesas Technology Corp PD16724 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet S16086EJ1V0DS
6
µµµµPD16724
(3/3)
Pin Symbol
Pin Name
I/O
Description
VDD1
Logic power supply
−
2.3 to 3.6 V
VDD2
Driver power supply
−
12.0 to 15.0 V
VSS1
Logic ground
−
Grounding
VSS2
Driver ground
−
Grounding
Cautions 1. The power start sequence must be VDD1, logic input, VDD2 and V0-V17 in that order.
Reverse this sequence to shut down.
2. To stabilize the supply voltage, please be sure to insert a 0.47
µµµµF bypass capacitor between
VDD1-VSS1 and VDD2-VSS2. Furthermore, for increased precision of the D/A converter, insertion
of a bypass capacitor of about 0.1
µµµµF is also advised between the γγγγ-corrected power supply
terminals (V0, V1, V2, ....., V17) and VSS2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com