Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16724 Datasheet HTML 7Page - Renesas Technology Corp PD16724 Datasheet HTML 8Page - Renesas Technology Corp PD16724 Datasheet HTML 9Page - Renesas Technology Corp PD16724 Datasheet HTML 10Page - Renesas Technology Corp PD16724 Datasheet HTML 11Page - Renesas Technology Corp PD16724 Datasheet HTML 12Page - Renesas Technology Corp PD16724 Datasheet HTML 13Page - Renesas Technology Corp PD16724 Datasheet HTML 14Page - Renesas Technology Corp PD16724 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet S16086EJ1V0DS
9
µµµµPD16724
Figure 4
−−−−3. Relationship between Input Data and Output Voltage (Positive side 1/2)
VDD2
−−−− 0.2 V ≥≥≥≥ V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 ≥≥≥≥ 0.5 VDD2 + 0.5 V (POL21, POL22 = L)
Data
Data
00H
V0'
V8
40H
V64'
V5
01H
V1'
V7
41H
V65'
V5+(V4-V5) X
48
/
2658
02H
V2'
V7+(V6-V7) X
129
/
3309
42H
V66'
V5+(V4-V5) X
96
/
2658
03H
V3'
V7+(V6-V7) X
258
/
3309
43H
V67'
V5+(V4-V5) X
144
/
2658
04H
V4'
V7+(V6-V7) X
387
/
3309
44H
V68'
V5+(V4-V5) X
192
/
2658
05H
V5'
V7+(V6-V7) X
516
/
3309
45H
V69'
V5+(V4-V5) X
240
/
2658
06H
V6'
V7+(V6-V7) X
645
/
3309
46H
V70'
V5+(V4-V5) X
288
/
2658
07H
V7'
V7+(V6-V7) X
771
/
3309
47H
V71'
V5+(V4-V5) X
336
/
2658
08H
V8'
V7+(V6-V7) X
897
/
3309
48H
V72'
V5+(V4-V5) X
381
/
2658
09H
V9'
V7+(V6-V7) X
1020
/
3309
49H
V73'
V5+(V4-V5) X
426
/
2658
0AH
V10' V7+(V6-V7) X
1143
/
3309
4AH
V74'
V5+(V4-V5) X
471
/
2658
0BH
V11' V7+(V6-V7) X
1263
/
3309
4BH
V75'
V5+(V4-V5) X
516
/
2658
0CH
V12' V7+(V6-V7) X
1380
/
3309
4CH
V76'
V5+(V4-V5) X
561
/
2658
0DH
V13' V7+(V6-V7) X
1497
/
3309
4DH
V77'
V5+(V4-V5) X
606
/
2658
0EH
V14' V7+(V6-V7) X
1611
/
3309
4EH
V78'
V5+(V4-V5) X
651
/
2658
0FH
V15' V7+(V6-V7) X
1722
/
3309
4FH
V79'
V5+(V4-V5) X
696
/
2658
10H
V16' V7+(V6-V7) X
1833
/
3309
50H
V80'
V5+(V4-V5) X
741
/
2658
11H
V17' V7+(V6-V7) X
1941
/
3309
51H
V81'
V5+(V4-V5) X
786
/
2658
12H
V18' V7+(V6-V7) X
2046
/
3309
52H
V82'
V5+(V4-V5) X
828
/
2658
13H
V19' V7+(V6-V7) X
2148
/
3309
53H
V83'
V5+(V4-V5) X
870
/
2658
14H
V20' V7+(V6-V7) X
2250
/
3309
54H
V84'
V5+(V4-V5) X
912
/
2658
15H
V21' V7+(V6-V7) X
2349
/
3309
55H
V85'
V5+(V4-V5) X
954
/
2658
16H
V22' V7+(V6-V7) X
2445
/
3309
56H
V86'
V5+(V4-V5) X
996
/
2658
17H
V23' V7+(V6-V7) X
2541
/
3309
57H
V87'
V5+(V4-V5) X
1038
/
2658
18H
V24' V7+(V6-V7) X
2634
/
3309
58H
V88'
V5+(V4-V5) X
1080
/
2658
19H
V25' V7+(V6-V7) X
2724
/
3309
59H
V89'
V5+(V4-V5) X
1122
/
2658
1AH
V26' V7+(V6-V7) X
2814
/
3309
5AH
V90'
V5+(V4-V5) X
1164
/
2658
1BH
V27' V7+(V6-V7) X
2901
/
3309
5BH
V91'
V5+(V4-V5) X
1206
/
2658
1CH
V28' V7+(V6-V7) X
2985
/
3309
5CH
V92'
V5+(V4-V5) X
1248
/
2658
1DH
V29' V7+(V6-V7) X
3069
/
3309
5DH
V93'
V5+(V4-V5) X
1290
/
2658
1EH
V30' V7+(V6-V7) X
3150
/
3309
5EH
V94'
V5+(V4-V5) X
1332
/
2658
1FH
V31' V7+(V6-V7) X
3231
/
3309
5FH
V95'
V5+(V4-V5) X
1371
/
2658
20H
V32' V6
60H
V96'
V5+(V4-V5) X
1410
/
2658
21H
V33' V6+(V5-V6) X
78
/
1956
61H
V97'
V5+(V4-V5) X
1449
/
2658
22H
V34' V6+(V5-V6) X
153
/
1956
62H
V98'
V5+(V4-V5) X
1488
/
2658
23H
V35' V6+(V5-V6) X
228
/
1956
63H
V99'
V5+(V4-V5) X
1527
/
2658
24H
V36' V6+(V5-V6) X
300
/
1956
64H
V100' V5+(V4-V5) X
1566
/
2658
25H
V37' V6+(V5-V6) X
372
/
1956
65H
V101' V5+(V4-V5) X
1605
/
2658
26H
V38' V6+(V5-V6) X
441
/
1956
66H
V102' V5+(V4-V5) X
1644
/
2658
27H
V39' V6+(V5-V6) X
510
/
1956
67H
V103' V5+(V4-V5) X
1683
/
2658
28H
V40' V6+(V5-V6) X
579
/
1956
68H
V104' V5+(V4-V5) X
1722
/
2658
29H
V41' V6+(V5-V6) X
645
/
1956
69H
V105' V5+(V4-V5) X
1761
/
2658
2AH
V42' V6+(V5-V6) X
711
/
1956
6AH
V106' V5+(V4-V5) X
1800
/
2658
2BH
V43' V6+(V5-V6) X
777
/
1956
6BH
V107' V5+(V4-V5) X
1839
/
2658
2CH
V44' V6+(V5-V6) X
840
/
1956
6CH
V108' V5+(V4-V5) X
1878
/
2658
2DH
V45' V6+(V5-V6) X
903
/
1956
6DH
V109' V5+(V4-V5) X
1917
/
2658
2EH
V46' V6+(V5-V6) X
966
/
1956
6EH
V110' V5+(V4-V5) X
1956
/
2658
2FH
V47' V6+(V5-V6) X
1026
/
1956
6FH
V111' V5+(V4-V5) X
1995
/
2658
30H
V48' V6+(V5-V6) X
1086
/
1956
70H
V112' V5+(V4-V5) X
2034
/
2658
31H
V49' V6+(V5-V6) X
1146
/
1956
71H
V113' V5+(V4-V5) X
2073
/
2658
32H
V50' V6+(V5-V6) X
1206
/
1956
72H
V114' V5+(V4-V5) X
2112
/
2658
33H
V51' V6+(V5-V6) X
1263
/
1956
73H
V115' V5+(V4-V5) X
2151
/
2658
34H
V52' V6+(V5-V6) X
1320
/
1956
74H
V116' V5+(V4-V5) X
2190
/
2658
35H
V53' V6+(V5-V6) X
1377
/
1956
75H
V117' V5+(V4-V5) X
2229
/
2658
36H
V54' V6+(V5-V6) X
1434
/
1956
76H
V118' V5+(V4-V5) X
2268
/
2658
37H
V55' V6+(V5-V6) X
1488
/
1956
77H
V119' V5+(V4-V5) X
2307
/
2658
38H
V56' V6+(V5-V6) X
1542
/
1956
78H
V120' V5+(V4-V5) X
2346
/
2658
39H
V57' V6+(V5-V6) X
1596
/
1956
79H
V121' V5+(V4-V5) X
2385
/
2658
3AH
V58' V6+(V5-V6) X
1650
/
1956
7AH
V122' V5+(V4-V5) X
2424
/
2658
3BH
V59' V6+(V5-V6) X
1701
/
1956
7BH
V123' V5+(V4-V5) X
2463
/
2658
3CH
V60' V6+(V5-V6) X
1752
/
1956
7CH
V124' V5+(V4-V5) X
2502
/
2658
3DH
V61' V6+(V5-V6) X
1803
/
1956
7DH
V125' V5+(V4-V5) X
2541
/
2658
3EH
V62' V6+(V5-V6) X
1854
/
1956
7EH
V126' V5+(V4-V5) X
2580
/
2658
3FH
V63' V6+(V5-V6) X
1905
/
1956
7FH
V127' V5+(V4-V5) X
2619
/
2658
Output Voltage
Output Voltage
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com