Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button PD16724 Datasheet HTML 15Page - Renesas Technology Corp PD16724 Datasheet HTML 16Page - Renesas Technology Corp PD16724 Datasheet HTML 17Page - Renesas Technology Corp PD16724 Datasheet HTML 18Page - Renesas Technology Corp PD16724 Datasheet HTML 19Page - Renesas Technology Corp PD16724 Datasheet HTML 20Page - Renesas Technology Corp PD16724 Datasheet HTML 21Page - Renesas Technology Corp PD16724 Datasheet HTML 22Page - Renesas Technology Corp PD16724 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet S16086EJ1V0DS
17
µµµµPD16724
9. CURRENT CONSUMPTION REDUCTION FUNCTION
The
µPD16724 has a low power control function (LPC) which can switch the bias current of the output amplifier
between two levels.
<Low power control function (LPC)>
The bias current of the output amplifier can be switched between two levels using this pin.
LPC = H or open: Normal power mode
LPC = L: Low power mode
The VDD2 of static current consumption can be reduced to two thirds of that in normal mode (LPC = H or open).
Input a stable DC current (VDD1/VSS1) to this pin.
Caution Because the low-power control function controls the bias current in the output amplifier and
regulate the over-all current consumption of the driver IC, when this occurs, the characteristics of
the output amplifier will simultaneously change. Therefore, when using this function, be sure to
sufficiently evaluate the picture quality.
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com