Electronic Components Datasheet Search
  English  ▼

X  

LT3495 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3495
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3495 Datasheet HTML 3Page - Linear Technology LT3495 Datasheet HTML 4Page - Linear Technology LT3495 Datasheet HTML 5Page - Linear Technology LT3495 Datasheet HTML 6Page - Linear Technology LT3495 Datasheet HTML 7Page - Linear Technology LT3495 Datasheet HTML 8Page - Linear Technology LT3495 Datasheet HTML 9Page - Linear Technology LT3495 Datasheet HTML 10Page - Linear Technology LT3495 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
7
3495b1b1fa
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pins 1, 2): Ground. Tie directly to local ground
plane.
VCC (Pin 3): Input Supply Pin. Must be locally by-
passed.
CTRL (Pin 4): Dimming Pin. If not used, tie CTRL to 1.5V
or higher. If in use, drive CTRL below 1.235V to override
the internal reference. See Applications section for more
information.
SHDN (Pin 5): Shutdown Pin. Tie to 1.5V or more to en-
able chip. Ground to shut down.
FB (Pin 6): Feedback Pin. Minimize the metal trace area
to this pin to minimize noise. Reference voltage is 1.235V.
There is an internal 76k resistor from the FB pin to GND. To
achieve the desired output voltage, choose R1 according
to the following formula:
R1=76•(VOUT/1.235 – 1)kΩ
VOUT (Pin 7): Drain of Output Disconnect PMOS. Place a
bypass capacitor from this pin to GND. See Applications
information.
CAP (Pins 8, 9): Source of Output Disconnect PMOS.
Place a bypass capacitor from this pin to GND.
SW (Pin 10): Switch Pin. This is the collector of the in-
ternal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
Exposed Pad (Pin 11): Ground. This pin must be soldered
to PCB.
10
+
6
3
4
FB
CTRL
76k
5
SHDN
VREF
SWITCH CONTROL
SHUNT CONTROL
DISCONNECT
CONTROL
START-UP CONTROL
VCC
INPUT
SW
2
GND
1
11
GND
8
CAP
9
CAP
7
VOUT
R1
3495 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com