Electronic Components Datasheet Search
  English  ▼

X  

LT3495 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3495
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3495 Datasheet HTML 2Page - Linear Technology LT3495 Datasheet HTML 3Page - Linear Technology LT3495 Datasheet HTML 4Page - Linear Technology LT3495 Datasheet HTML 5Page - Linear Technology LT3495 Datasheet HTML 6Page - Linear Technology LT3495 Datasheet HTML 7Page - Linear Technology LT3495 Datasheet HTML 8Page - Linear Technology LT3495 Datasheet HTML 9Page - Linear Technology LT3495 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
6
3495b1b1fa
TYPICAL PERFORMANCE CHARACTERISTICS
Line Regulation
Output Disconnect PMOS Current
vs CAP to VOUT Voltage Difference
LT3495 Start-Up Waveforms
LT3495 Transient Response
LT3495-1 Transient Response
VCC VOLTAGE (V)
0
0.30
0.05
0.10
0.15
0.20
0.25
0
8
4
12
3495 G19
16
CAP TO VOUT VOLTAGE DIFFERENCE (V)
0
600
100
0
200
300
400
500
–100
6
4
2
8
10
3495 G20
12
AFTER START-UP
IN START-UP
IN SHUTDOWN
20µs/DIV
3495 G23
VOUT VOLTAGE
200mV/DIV
AC COUPLED
LOAD CURRENT
20mA/DIV
INDUCTOR CURRENT
200mA/DIV
VCC = 3.6V
VOUT = 16V
FIGURE 9 CIRCUIT
10mA → 30mA → 10mA LOAD PULSE
50µs/DIV
3495 G21
SHDN VOLTAGE
5V/DIV
CAP VOLTAGE
5V/DIV
VOUT VOLTAGE
5V/DIV
INDUCTOR CURRENT
500mA/DIV
VCC = 3.6V
VOUT = 16V
FIGURE 7 CIRCUIT
TA = 25°C unless otherwise noted.
20µs/DIV
3495 G22
LOAD CURRENT
20mA/DIV
VOUT VOLTAGE
200mV/DIV
AC COUPLED
INDUCTOR CURRENT
500mA/DIV
VCC = 3.6V
VOUT = 16V
FIGURE 7 CIRCUIT
20mA → 60mA → 20mA LOAD PULSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com