Electronic Components Datasheet Search
  English  ▼

X  

LT3495 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3495
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495 Datasheet(HTML) 5 Page - Linear Technology

  LT3495 Datasheet HTML 1Page - Linear Technology LT3495 Datasheet HTML 2Page - Linear Technology LT3495 Datasheet HTML 3Page - Linear Technology LT3495 Datasheet HTML 4Page - Linear Technology LT3495 Datasheet HTML 5Page - Linear Technology LT3495 Datasheet HTML 6Page - Linear Technology LT3495 Datasheet HTML 7Page - Linear Technology LT3495 Datasheet HTML 8Page - Linear Technology LT3495 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
5
3495b1b1fa
TYPICAL PERFORMANCE CHARACTERISTICS
LT3495 Switching Waveform
at No Load
LT3495 Switching Waveform
at 10mA
LT3495 Switching Waveform
at 80mA
LT3495B-1 Switching Waveform
at No Load
LT3495B-1 Switching Waveform
at 10mA
LT3495B-1 Switching Waveform
at 60mA
TA = 25°C unless otherwise noted.
10µs/DIV
3495 G13
VOUT VOLTAGE
10mV/DIV
AC COUPLED
INDUCTOR CURRENT
100mA/DIV
SW VOLTAGE
10V/DIV
VCC = 3.6V
VOUT = 16V
2µs/DIV
3495 G14
VOUT VOLTAGE
50mV/DIV
AC COUPLED
INDUCTOR CURRENT
500mA/DIV
SW VOLTAGE
10V/DIV
VCC = 3.6V
VOUT = 16V
500ns/DIV
3495 G15
VOUT VOLTAGE
50mV/DIV
AC COUPLED
INDUCTOR CURRENT
500mA/DIV
SW VOLTAGE
10V/DIV
VCC = 3.6V
VOUT = 16V
20µs/DIV
3495 G16
VOUT VOLTAGE
20mV/DIV
AC COUPLED
INDUCTOR CURRENT
100mA/DIV
SW VOLTAGE
10V/DIV
VCC = 5V
VOUT = 16V
2µs/DIV
3495 G17
VOUT VOLTAGE
50mV/DIV
AC COUPLED
INDUCTOR CURRENT
200mA/DIV
SW VOLTAGE
10V/DIV
VCC = 5V
VOUT = 16V
500ns/DIV
3495 G18
VOUT VOLTAGE
50mV/DIV
AC COUPLED
INDUCTOR CURRENT
200mA/DIV
SW VOLTAGE
10V/DIV
VCC = 5V
VOUT = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com