Electronic Components Datasheet Search
  English  ▼

X  

LT3495 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3495
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3495 Datasheet HTML 8Page - Linear Technology LT3495 Datasheet HTML 9Page - Linear Technology LT3495 Datasheet HTML 10Page - Linear Technology LT3495 Datasheet HTML 11Page - Linear Technology LT3495 Datasheet HTML 12Page - Linear Technology LT3495 Datasheet HTML 13Page - Linear Technology LT3495 Datasheet HTML 14Page - Linear Technology LT3495 Datasheet HTML 15Page - Linear Technology LT3495 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
13
3495b1b1fa
TYPICAL APPLICATIONS
Figure 8. One Li-Ion Cell Input Boost Converter with the LT3495B
Efficiency vs Load Current
LT3495/LT3495B Maximum Output Current vs Output Voltage
VOUT
R1 VALUE REQUIRED
(MΩ)
MAXIMUM OUTPUT
CURRENT AT 3V INPUT (mA)
40
2.37
26
35
2.05
31
30
1.78
37
25
1.47
43
20
1.15
57
15
0.845
74
10
0.536
120
5
0.232
250
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
R1
909k
3495 F07a
LT3495
C1
4.7µF
L1
10µH
C2
2.2µF
C3
1µF
ONE Li-Ion CELL
TURN ON/OFF
VOUT DIMMING
C1: 4.7µF, 6.3V, X5R, 0603
C2: 2.2µF, 25V, X5R, 0805
C3: 1µF, 25V, X5R, 0603
D1: DIODES INC. B0540WS-7
L1: COILCRAFT LPS4018-103MLB
OUTPUT 16V
70mA
D1
Figure 7. One Li-Ion Cell Input Boost Converter with the LT3495
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
R1
909k
3495 F08a
LT3495B
C1
4.7µF
L1
6.8µH
C2
2.2µF
C3
1µF
ONE Li-Ion CELL
TURN ON/OFF
VOUT DIMMING
C1: 4.7µF, 6.3V, X5R, 0603
C2: 2.2µF, 25V, X5R, 0805
C3: 1µF, 25V, X5R, 0603
D1: DIODES INC. B0540WS-7
L1: SUMIDA CR32-6R8
OUTPUT 16V
70mA
D1
Efficiency vs Load Current
LOAD CURRENT (mA)
3495 F07b
90
80
50
60
70
40
400
320
80
160
240
0
0.1
10
100
1
VIN = 3.6V
LOAD FROM CAP
LOAD FROM VOUT
LOAD CURRENT (mA)
3495 F08b
90
80
50
60
70
40
400
320
80
160
240
0
0.1
10
100
1
VIN = 3.6V
LOAD FROM CAP
LOAD FROM VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com