Electronic Components Datasheet Search
  English  ▼

X  

LT3495 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3495
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495 Datasheet(HTML) 1 Page - Linear Technology

  LT3495 Datasheet HTML 1Page - Linear Technology LT3495 Datasheet HTML 2Page - Linear Technology LT3495 Datasheet HTML 3Page - Linear Technology LT3495 Datasheet HTML 4Page - Linear Technology LT3495 Datasheet HTML 5Page - Linear Technology LT3495 Datasheet HTML 6Page - Linear Technology LT3495 Datasheet HTML 7Page - Linear Technology LT3495 Datasheet HTML 8Page - Linear Technology LT3495 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
1
3495b1b1fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
650mA/350mA Micropower
Low Noise Boost Converter
with Output Disconnect
TheLT®3495/LT3495B/LT3495-1/LT3495B-1arelownoise
boost converters with integrated power switch, feedback
resistor and output disconnect circuitry. The parts control
power delivery by varying both the peak inductor current
and switch off-time. This novel* control scheme results
in low output voltage ripple as well as high efficiency
over a wide load range. For the LT3495/LT3495-1, the
off-time of the switch is not allowed to exceed a fixed
level, guaranteeing the switching frequency stays above
the audio band for the entire load range. The parts feature
a high performance NPN power switch with a 650mA
and 350mA current limit for the LT3495/LT3495B and
LT3495-1/LT3495B-1 respectively. The quiescent current
is a low 60µA, which is further reduced to less than 0.1µA
in shutdown. The internal disconnect circuitry allows the
output voltage to be isolated from the input during shut-
down. An auxiliary reference input (CTRL pin) overrides
the internal 1.235V feedback reference with any lower
value allowing full control of the output voltage during
operation. The LT3495 series are available in a tiny 10-lead
3mm
× 2mm DFN package.
OLED Power Supply from One Li-Ion Cell
n
Low Quiescent Current
60µA in Active Mode
0.1µA in Shutdown Mode
n
Low Noise Control Scheme (Switching Frequency
Always Stays Above Audible Range for LT3495/-1)
n
Integrated Power NPN:
650mA Current Limit (LT3495/B)
350mA Current Limit (LT3495-1/B-1)
n
Integrated Output Disconnect
n
Integrated Output Dimming
n
Wide input range: 2.5V to 16V
n
Wide output range: Up to 40V
n
Integrated feedback resistor
n
Tiny 10-Lead 3mm
× 2mm DFN Package
n
OLED Power
n
Low Noise Power
n
MP3 Player
Output Voltage Ripple
vs Load Current
Efficiency vs Load Current
L
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. *Patent pending.
LOAD CURRENT (mA)
0.1
50
40
20
30
10
0
1
3495 TA01b
100
10
1.0µF 0603
CAPACITOR AT VOUT
2.2µF 1206
CAPACITOR AT VOUT
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
909k
3495 TA01a
LT3495
4.7µF
1µF
10µH
2.2µF
ONE
Li-Ion
CELL
VOUT
16V
70mA
LOAD CURRENT (mA)
3495 TA01c
90
80
50
60
70
40
400
320
80
160
240
0
0.1
10
100
1
VIN = 3.6V
LOAD FROM CAP
LOAD FROM VOUT


Similar Part No. - LT3495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1 Datasheet
327Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B Datasheet
327Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
Micropower Low Noise Boost Converters with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
Micropower Low Noise Boost Converters with Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com