Electronic Components Datasheet Search
  English  ▼

X  

RM0312 Datasheet(PDF) 111 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 107Page - STMicroelectronics RM0312 Datasheet HTML 108Page - STMicroelectronics RM0312 Datasheet HTML 109Page - STMicroelectronics RM0312 Datasheet HTML 110Page - STMicroelectronics RM0312 Datasheet HTML 111Page - STMicroelectronics RM0312 Datasheet HTML 112Page - STMicroelectronics RM0312 Datasheet HTML 113Page - STMicroelectronics RM0312 Datasheet HTML 114Page - STMicroelectronics RM0312 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 275 page
background image
DocID022352 Rev 3
111/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.3.5
Down-counting mode
In down-counting mode, the counter counts from the auto-reload value (content of the
TIMx_ARR register) down to 0, then restarts from the auto-reload value and generates a
counter underflow and an update event (UEV) if the UDIS bit is 0 in the TIMx_CR1 register.
Figure 25 shows an example of this counting mode.
Figure 25. Counter in down-counting mode
An update event can also be generated by setting the bit UG in the TIMx_EGR register (by
software or by using the clock/trigger mode controller).
The UEV update event can be disabled by software by setting the UDIS bit in TIMx_CR1
register. This is to avoid updating the shadow registers while writing new values in the
preload registers. Then no update event will occur until UDIS bit has been written to 0.
However, the counter restarts from the current auto-reload value, whereas the counter of the
prescaler restarts from 0 (but the prescale rate doesn’t change).
In addition, if the URS bit (update request selection) in TIMx_CR1 register is set, setting the
UG bit generates an update event UEV but without setting the UIF flag (thus no interrupt
request is sent). This is to avoid generating both update and capture interrupts when
clearing the counter on the capture event.
When an update event occurs, all the registers are updated and the update flag (UIF bit in
TIMx_SR1 register) is set (depending on the URS bit):
The buffer of the prescaler is reloaded with the preload value (content of the TIMx_PSCR
register),
The auto-reload shadow register is updated with the preload value (content of the
TIMx_ARR register). Note that the auto-reload is updated before the counter is reloaded, so
that the next period is the expected one.
The following figures show some examples of the counter behavior for different clock
frequencies when TIMx_ARR=36h.
In downcounting mode, preload is normally not used so that the new value is taken into
account in the next period (see Figure 26).
Counter
Time
TIMx_ARR
Underflow
Underflow
Underflow
Underflow
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com