Electronic Components Datasheet Search
  English  ▼

X  

RM0312 Datasheet(PDF) 126 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 122Page - STMicroelectronics RM0312 Datasheet HTML 123Page - STMicroelectronics RM0312 Datasheet HTML 124Page - STMicroelectronics RM0312 Datasheet HTML 125Page - STMicroelectronics RM0312 Datasheet HTML 126Page - STMicroelectronics RM0312 Datasheet HTML 127Page - STMicroelectronics RM0312 Datasheet HTML 128Page - STMicroelectronics RM0312 Datasheet HTML 129Page - STMicroelectronics RM0312 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
126/275
DocID022352 Rev 3
Figure 45. Triggering Timer B with update event of Timer A (TIMERA-UEV)
As in the previous example, you can initialize both counters before starting counting.
Figure 46 shows the behaviour with the same configuration as in the Figure 44 but in trigger
standard mode instead of trigger gated mode (SMS=110 in the TIMx_SMCR register).
Figure 46. Triggering Timer B with counter enable CNT_EN of Timer A
Timer B-TIF
Write TIF=0
FD
FE
FF
00
01
45
47
48
fMASTER
TIMERA-UEV
TIMERA-CNT
TIMERB-CNT
02
46
TIMERB-CEN = CNT_EN
Timer B-TIF
Write TIF=0
75
00
01
fMASTER
TIMERA-CEN = CNT_EN
TIMERA-CNT
TIMERB-CNT
02
TIMERA-UG
CD
00
E7
E8
EA
TIMERB-UG
TIMERB
write CNT
E9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com