Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5579 Datasheet HTML 3Page - Linear Technology LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology LT5579 Datasheet HTML 10Page - Linear Technology LT5579 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT5579

5579fa
Conversion Gain and OIP3
vs RF Output Frequency
SSB Noise Figure
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
Conversion Gain and OIP3
vs LO Input Power
SSB Noise Figure
vs LO Input Power
Conversion Gain and OIP3
vs Supply Voltage
IM3 Level
vs RF Output Power (2-Tone)
IM2 Level
vs RF Output Power (2-Tone)
SSB Noise Figure
vs Supply Voltage
Typical perForMance characTerisTics
VCC = 3.3V, TA = 25°C, fIF = 240MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, ∆f = 1MHz), high side LO, PLO = –1dBm,
output measured at 2140MHz, unless otherwise noted. (Test circuit shown in Figure 1)
2140MHz Application:
RF FREQUENCY (MHz)
1950
4
8
2350
5579 G23
0
–4
2050
2150
GAIN
OIP3
2250
16
12
18
22
14
10
30
26
85°C
25°C
–40°C
RF FREQUENCY (MHz)
1950
10
12
14
2350
5579 G24
8
6
2
2050
2150
2250
4
18
16
85°C
25°C
–40°C
RF FREQUENCY (MHz)
1950
–30
–20
2350
5579 G25
–40
–50
2050
2150
2250
0
–10
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–17
8
12
16
–1
5579 G26
4
OIP3
0
–4
22
26
30
18
14
10
–13
–9
–5
3
85°C
25°C
–40°C
GAIN
LO INPUT POWER (dBm)
–14
10
12
14
2
5579 G27
8
6
2
–10
–6
–2
4
18
16
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
–4
0
4
8
16
12
10
14
18
22
30
26
3.1
3.2
3.3
3.4
GAIN
OIP3
5579 G19
3.5
3.6
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–10
–40
–20
0
–4
0
6
5579 G29
–60
–80
–100
–8
–6
–2
2
4
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–10
–40
–20
0
–4
0
6
5579 G30
–60
–80
–100
–8
–6
–2
2
4
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
10
12
14
3.3
3.5
5579 G31
8
6
4
2
3.1
3.2
3.4
16
18
3.6
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com