Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology LT5579 Datasheet HTML 10Page - Linear Technology LT5579 Datasheet HTML 11Page - Linear Technology LT5579 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT5579

5579fa
Conversion Gain and OIP3
vs RF Output Frequency
SSB Noise Figure
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
Conversion Gain and OIP3
vs LO Input Power
SSB Noise Figure
vs LO Input Power
Conversion Gain and OIP3
vs Supply Voltage
IM3 Level
vs RF Output Power (2-Tone)
IM2 Level
vs RF Output Power (2-Tone)
SSB Noise Figure
vs Supply Voltage
Typical perForMance characTerisTics
VCC = 3.3V, TA = 25°C, fIF = 240MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, ∆f = 1MHz), low side LO, PLO = –1dBm,
output measured at 1750MHz, unless otherwise noted. (Test circuit shown in Figure 1)
1750MHz Application:
RF FREQUENCY (MHz)
1650
8
12
16
1850
5579 G32
4
OIP3
0
–4
22
26
30
18
14
10
1700
1750
1800
1900
85°C
25°C
–40°C
GAIN
RF FREQUENCY (MHz)
1650
8
10
12
1800
1900
5579 G33
6
4
2
1700
1750
1850
14
16
18
85°C
25°C
–40°C
RF FREQUENCY (MHz)
1650
–20
–10
0
1850
5579 G34
–30
–40
–50
1700
1750
1800
1900
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–17
8
12
16
–1
5579 G35
4
OIP3
0
–4
22
26
30
18
14
10
–13
–9
–5
3
85°C
25°C
–40°C
GAIN
LO INPUT POWER (dBm)
–17
8
10
12
–5
3
5579 G36
6
4
2
–13
–9
–1
14
16
18
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
–4
0
4
8
12
16
OIP3
GAIN
12
16
20
24
28
32
3.1
3.2
3.3
3.4
5579 G37
3.5
3.6
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–10
–40
–20
0
–4
0
6
5579 G38
–60
–80
–100
–8
–6
–2
2
4
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–10
–40
–20
0
–4
0
6
5579 G39
–60
–80
–100
–8
–6
–2
2
4
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
8
10
12
3.3
3.5
5579 G40
6
4
2
3.1
3.2
3.4
14
16
18
3.6
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com