Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5579 Datasheet HTML 2Page - Linear Technology LT5579 Datasheet HTML 3Page - Linear Technology LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology LT5579 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT5579

5579fa
Conversion Gain and OIP3
vs RF Output Frequency
SSB Noise Figure
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
Conversion Gain and OIP3
vs LO Input Power
SSB Noise Figure
vs LO Input Power
Conversion Gain and OIP3
vs Supply Voltage
IM3 Level
vs RF Output Power (2-Tone)
IM2 Level
vs RF Output Power (2-Tone)
SSB Noise Figure
vs Supply Voltage
Typical ac perForMance characTerisTics
VCC = 3.3V, TA = 25°C, fIF = 456MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, ∆f = 1MHz), high side LO, PLO = –1dBm,
output measured at 2600MHz, unless otherwise noted. (Test circuit shown in Figure 1)
2300MHz to 2700MHz Application:
RF FREQUENCY (MHz)
2200
–4
0
4
8
12
16
OIP3
GAIN
10
14
18
22
26
30
2300 2400 2500 2600
5579 G14
2700 2800
85°C
25°C
–40°C
RF FREQUENCY (MHz)
2200
8
10
12
2500
2700
5579 G15
6
4
2
2300 2400
2600
14
16
18
2800
85°C
25°C
–40°C
RF FREQUENCY (MHz)
2200
–50
–40
–30
–20
0
–10
2300 2400 2500 2600
5579 G16
2700 2800
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–17
8
12
16
–1
5579 G17
4
OIP3
0
–4
20
24
28
16
12
8
–13
–9
–5
3
85°C
25°C
–40°C
GAIN
LO INPUT POWER (dBm)
–14
10
12
14
2
5579 G18
8
6
2
–10
–6
–2
4
18
16
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
–4
0
4
8
16
12
8
12
16
20
28
24
3.1
3.2
3.3
OIP3
GAIN
3.4
5579 G19
3.5
3.6
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–12
–100
–80
–40
–20
0
–8
–4 –2
6
5579 G20
–60
–10
–6
0
2
4
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–12
–100
–80
–40
–20
0
–8
–4 –2
6
5579 G21
–60
–10
–6
0
2
4
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
8
10
12
3.3
3.5
5579 G22
6
4
2
3.1
3.2
3.4
14
16
18
3.6
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com