Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 5 Page - Linear Technology

  LT5579 Datasheet HTML 1Page - Linear Technology LT5579 Datasheet HTML 2Page - Linear Technology LT5579 Datasheet HTML 3Page - Linear Technology LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT5579

5579fa
Conversion Gain and OIP3
vs RF Output Frequency
SSB Noise Figure
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
Conversion Gain and OIP3
vs LO Input Power
SSB Noise Figure
vs LO Input Power
Conversion Gain and OIP3
vs Supply Voltage
IM3 Level
vs RF Output Power (2-Tone)
IM2 Level
vs RF Output Power (2-Tone)
SSB Noise Figure
vs Supply Voltage
Typical ac perForMance characTerisTics
VCC = 3.3V, TA = 25°C, fIF = 456MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, ∆f = 1MHz), low side LO, PLO = –1dBm,
output measured at 3600MHz, unless otherwise noted. (Test circuit shown in Figure 1)
3300MHz to 3800MHz Application:
RF FREQUENCY (MHz)
3200 3300
–4
4
16
3400
3600 3700
5579 G05
0
12
8
8
16
28
OIP3
GAIN
12
24
20
3500
3800 3900
85°C
25°C
–40°C
RF FREQUENCY (MHz)
3200
18
3500
5579 G06
12
8
3300 3400
3600
6
4
20
16
14
10
3700 3800 3900
85°C
25°C
–40°C
RF FREQUENCY (MHz)
3200 3300
–50
–30
0
3400
3600 3700
5579 G07
–40
–10
–20
3500
3800 3900
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–12
–100
–80
–40
–20
0
–8
–4 –2
6
5579 G11
–60
–10
–6
0
2
4
85°C
25°C
–40°C
RF OUTPUT POWER (dBm/TONE)
–12
–100
–80
–40
–20
0
–8
–4 –2
6
5579 G12
–60
–10
–6
0
2
4
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
10
12
14
3.3
3.5
5579 G13
8
6
4
3.1
3.2
3.4
16
18
20
3.6
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–17
8
12
16
–1
5579 G08
4
GAIN
OIP3
0
–4
18
22
26
14
10
6
–13
–9
–5
3
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–14
12
14
16
2
5579 G09
10
8
4
–10
–6
–2
6
20
18
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
–4
0
4
8
12
16
OIP3
GAIN
6
10
14
18
22
26
3.1
3.2
3.3
3.4
5579 G10
3.5
3.6
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com