Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology LT5579 Datasheet HTML 10Page - Linear Technology LT5579 Datasheet HTML 11Page - Linear Technology LT5579 Datasheet HTML 12Page - Linear Technology LT5579 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT5579

5579fa
pin FuncTions
GND(Pins1,2,5-7,12-14,16-18,19-21,23,24):Ground
Connections.Thesepinsareinternallyconnectedtothe
exposedpadandshouldbesolderedtoalowimpedance
RFgroundontheprintedcircuitboard.
IF+, IF– (Pins 3, 4):DifferentialIFInput.Thecommon
modevoltageonthesepinsissetinternallyto570mV.The
DCcurrentfromeachpinisdeterminedbythevalueof
anexternalresistortoground.ThemaximumDCcurrent
througheachpinis60mA.
VCC (Pins 8-11):PowerSupplyPinsfortheIC.These
pins are connected together internally. Typical current
consumptionis226mA.Thesepinsshouldbeconnected
togetheronthecircuitboardwithexternalbypasscapaci-
torsof1000pF,100pFand10pFlocatedasclosetothe
pinsaspossible.
RF (Pin 15):Single-EndedRFOutput.Thispiniscon-
nectedtoaninternaltransformerwinding.Theopposite
endofthewindingisgroundedinternally.Animpedance
transformationmayberequiredtomatchtheoutputanda
DCdecouplingcapacitorisrequiredifthefollowingstage
hasaDCbiasvoltagepresent.
LO(Pin22):Single-EndedLocalOscillatorInput.Aninternal
seriescapacitoractsasaDCblocktothispin.
Exposed Pad (Pin 25): PGND. Electrical and thermal
groundconnectionfortheentireIC.Thispadmustbe
solderedtoalowimpedanceRFgroundontheprinted
circuitboard.Thisgroundmustalsoprovideapathfor
thermaldissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com