Electronic Components Datasheet Search
  English  ▼

X  

LTC1255 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 1 Page - Linear Technology

  LTC1255 Datasheet HTML 1Page - Linear Technology LTC1255 Datasheet HTML 2Page - Linear Technology LTC1255 Datasheet HTML 3Page - Linear Technology LTC1255 Datasheet HTML 4Page - Linear Technology LTC1255 Datasheet HTML 5Page - Linear Technology LTC1255 Datasheet HTML 6Page - Linear Technology LTC1255 Datasheet HTML 7Page - Linear Technology LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1255
Dual 24V High-Side
MOSFET Driver
The LTC1255 dual high-side driver allows using low
cost N-channel FETs for high-side industrial and auto-
motive switching applications. An internal charge pump
boosts the gate drive voltage above the positive rail,
fully enhancing an N-channel MOS switch with no
external components. Low power operation, with 12
µA
standby current, allows use in virtually all systems with
maximum efficiency.
Included on-chip is independent overcurrent sensing
to provide automatic shutdown in case of short circuits.
A time delay can be added to the current sense to
prevent false triggering on high in-rush current loads.
The LTC1255 operates from 9V to 24V supplies and is
well suited for industrial and automotive applications.
The LTC1255 is available in both an 8-pin DIP and an
8-pin SOIC.
S
FEATURE
s
Fully Enhances N-Channel Power MOSFETs
s
12
µA Standby Current
s
Operates at Supply Voltages from 9V to 24V
s
Short Circuit Protection
s
Easily Protected Against Supply Transients
s
Controlled Switching ON and OFF Times
s
No External Charge Pump Components
s
Compatible With Standard Logic Families
s
Available in 8-Pin SOIC
S
APPLICATI
s
Solenoid Drivers
s
DC Motor Drivers
s
Stepper Motor Drivers
s
Lamp Drivers/Dimmers
s
Relay Drivers
s
Low Frequency H-Bridge
s
P-Channel Switch Replacement
DESCRIPTIO
APPLICATI
TYPICAL
12V
1N4001
+
10
µF
IRLR024
24V
24V/0.5A
SOLENOID
VS
DS2
LTC1255
IN2
GND
DS1
IN1
G1
G2
0.036
Ω
0.036
Ω
IRLR024
12V
1N4001
24V/0.5A
SOLENOID
FROM
µP, ETC.
FROM
µP, ETC.
LTC1255 • TA01
Standby Supply Current
Dual 24V High-Side Switch with Overcurrent Protection
SUPPLY VOLTAGE (V)
0
0
10
15
20
25
30
35
5
10
15
20
LTC1255 • TA02
25
40
45
50
5
30
VIN1 = VIN2 = 0V
TA = 25°C


Similar Part No. - LTC1255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
LTC1255C LINER-LTC1255C Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
LTC1255CN8 LINER-LTC1255CN8 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
LTC1255CS8 LINER-LTC1255CS8 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
LTC1255I LINER-LTC1255I Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
More results

Similar Description - LTC1255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com