Electronic Components Datasheet Search
  English  ▼

X  

LTC1255 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 4 Page - Linear Technology

  LTC1255 Datasheet HTML 1Page - Linear Technology LTC1255 Datasheet HTML 2Page - Linear Technology LTC1255 Datasheet HTML 3Page - Linear Technology LTC1255 Datasheet HTML 4Page - Linear Technology LTC1255 Datasheet HTML 5Page - Linear Technology LTC1255 Datasheet HTML 6Page - Linear Technology LTC1255 Datasheet HTML 7Page - Linear Technology LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1255
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Threshold Voltage
Short-Circuit Turn-OFF Delay Time
Turn-ON Time
Standby Supply Current
Supply Current per Channel (ON)
Input ON Threshold
Gate Clamp Current
Drain Sense Threshold Voltage
Turn-OFF Time
SUPPLY VOLTAGE (V)
0
0.4
0.8
1.0
1.2
1.4
1.6
1.8
5
10
15
20
LTC1255 • TPC04
25
2.0
2.2
2.4
0.6
30
VON
VOFF
SUPPLY VOLTAGE (V)
0
75
85
90
95
100
105
110
5
10
15
20
LTC1255 • TPC05
25
115
120
125
80
30
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
10
15
20
25
30
35
5
10
15
20
LTC1255 • TA06
25
40
45
50
5
30
VCLAMP = 12V
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
200
300
400
500
600
700
5
10
15
20
LTC1255 • TA07
25
800
900
1000
100
30
CGATE = 1000pF
TA = 25°C
VGS = 5V
VGS = 2V
SUPPLY VOLTAGE (V)
0
0
10
15
20
25
30
35
5
10
15
20
LTC1255 • TA08
25
40
45
50
5
30
CGATE = 1000pF
TIME FOR VGATE < 1V
SUPPLY VOLTAGE (V)
0
0
10
15
20
25
30
35
5
10
15
20
LTC1255 • TA09
25
40
45
50
5
30
CGATE = 1000pF
TIME FOR VGATE < 1V
TEMPERATURE (°C)
–50
0
10
15
20
25
30
35
–25
0
25
50
LTC1255 • TA10
75
40
45
50
5
100
VS = 10V
VS = 18V
VS = 24V
TEMPERATURE (°C)
–50
0.4
0.8
1.0
1.2
1.4
1.6
1.8
–25
0
25
50
LTC1255 • TA12
75
2.0
2.2
2.4
0.6
100
VS = 10V
VS = 24V
TEMPERATURE (°C)
–50
0
0.4
0.6
0.8
1.0
1.2
1.4
–25
0
25
50
LTC1255 • TA11
75
1.6
1.8
2.0
0.2
100
VS = 24V
VS = 10V
VS = 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com