Electronic Components Datasheet Search
  English  ▼

X  

LTC1255 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1255 Datasheet HTML 2Page - Linear Technology LTC1255 Datasheet HTML 3Page - Linear Technology LTC1255 Datasheet HTML 4Page - Linear Technology LTC1255 Datasheet HTML 5Page - Linear Technology LTC1255 Datasheet HTML 6Page - Linear Technology LTC1255 Datasheet HTML 7Page - Linear Technology LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology LTC1255 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1255
OPERATIO
Internal Voltage Regulation
The output of the TTL-to-CMOS converter drives two
regulated supplies which power the low voltage CMOS
logic and analog blocks. The regulator outputs are isolated
from each other so that the noise generated by the charge
pump logic is not coupled into the 100mV reference or the
analog comparator.
Gate Charge Pump
Gate drive for the power MOSFET is produced by an
adaptive charge pump circuit which generates a gate
voltage substantially higher than the power supply volt-
age. The charge pump capacitors are included on-chip and
therefore no external components are required to generate
the gate drive. The charge pump is designed to drive a 12V
Zener diode clamp connected across the gate and source
of the MOSFET switch.
(One Channel)
BLOCK DIAGRA
Drain Current Sense
The LTC1255 is configured to sense the current flowing
into the drain of the power MOSFET in a high-side applica-
tion. An internal 100mV reference is compared to the drop
across a sense resistor (typically 0.002
Ω to 0.10Ω) in
series with the drain lead. If the drop across this resistor
exceeds the internal 100mV threshold, the input latch is
reset and the gate is quickly discharged via a relatively
large N-channel transistor.
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is
charged by the internal charge pump and discharged in a
controlled manner. The charge and discharge rates have
been set to minimize RFI and EMI emissions in normal
operation. If a short circuit or current overload condition
is encountered, the gate is discharged very quickly (typi-
cally a few microseconds) by a large N-channel transistor.
100mV
REFERENCE
10
µs
DELAY
LOW STANDBY
CURRENT
REGULATOR
TTL-TO-CMOS
CONVERTER
VOLTAGE
REGULATOR
ANALOG
DIGITAL
INPUT
LATCH
R
S
ONE
SHOT
OSCILLATOR
AND CHARGE
PUMP
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
FAST/SLOW
GATE CHARGE
LOGIC
INPUT
GATE
DRAIN
SENSE
ANALOG SECTION
COMP
GND
VS
LTC1255 • BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com