Electronic Components Datasheet Search
  English  ▼

X  

LTC1255 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 2 Page - Linear Technology

  LTC1255 Datasheet HTML 1Page - Linear Technology LTC1255 Datasheet HTML 2Page - Linear Technology LTC1255 Datasheet HTML 3Page - Linear Technology LTC1255 Datasheet HTML 4Page - Linear Technology LTC1255 Datasheet HTML 5Page - Linear Technology LTC1255 Datasheet HTML 6Page - Linear Technology LTC1255 Datasheet HTML 7Page - Linear Technology LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1255
Supply Voltage ......................................... – 0.3V to 30V
Transient Supply Voltage (< 10ms) ......................... 40V
Input Voltage ..................... (VS + 0.3V) to (GND – 0.3V)
Gate Voltage ...................... (VS + 20V) to (GND – 0.3V)
Current (Any Pin) ................................................. 50mA
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LTC1255C ............................................... 0
°C to 70°C
LTC1255I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 100°C, θJA = 130°C/ W
TJMAX = 100°C, θJA = 150°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
DS1
GATE 1
GND
IN1
DS2
GATE 2
VS
IN2
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
DS2
GATE 2
VS
IN2
DS1
GATE 1
GND
IN1
S8 PACKAGE
8-LEAD PLASTIC SOIC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current OFF
VS = 10V, VIN = 0V (Note 1)
12
40
µA
VS = 18V, VIN = 0V (Note 1)
12
40
µA
VS = 24V, VIN = 0V (Note 1)
12
40
µA
Quiescent Current ON
VS = 10V, VGATE = 22V, VIN = 5V (Note 2)
160
400
µA
VS = 18V, VGATE = 30V, VIN = 5V (Note 2)
350
800
µA
VS = 24V, VGATE = 36V, VIN = 5V (Note 2)
600
1200
µA
VINH
Input High Voltage
q
2V
VINL
Input Low Voltage
q
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VS
q
±1
µA
CIN
Input Capacitance
5pF
VSEN
Drain Sense Threshold Voltage
80
100
120
mV
q
75
100
125
mV
ISEN
Drain Sense Input Current
0V
≤ VSEN ≤ VS
q
±0.1
µA
VGATE – VS
Gate Voltage Above Supply
VS = 9V
q
7.5
10.5
12
V
IGATE
Gate Output Drive Current
VS = 18V, VGATE = 30V
q
520
µA
VS = 24V, VGATE = 36V
q
523
µA
ELECTRICAL C
C
HARA TERISTICS V
S = 9V to 24V, TA = 25°C, unless otherwise noted.
LTC1255CN8
LTC1255IN8
S8 PART MARKING
LTC1255CS8
LTC1255IS8
1255
1255I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com