Electronic Components Datasheet Search
  English  ▼

X  

LTC1255 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology LTC1255 Datasheet HTML 10Page - Linear Technology LTC1255 Datasheet HTML 11Page - Linear Technology LTC1255 Datasheet HTML 12Page - Linear Technology LTC1255 Datasheet HTML 13Page - Linear Technology LTC1255 Datasheet HTML 14Page - Linear Technology LTC1255 Datasheet HTML 15Page - Linear Technology LTC1255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1255
TYPICAL APPLICATIO S
H-Bridge DC Motor Driver
(Direction and ON/OFF Control)
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
100k
1N4148
1N4148
100k
12V
MMBZ5242B
0.036
Ω
MTD3055E
12V
MMBZ5242B
MTD3055E
DC MOTOR
1N4148
100k
MTD3055EL
1N4148
100k
MTD3055EL
5V
1/4 74C02
1/4 74C02
1/4 74C02
DISABLE
DIRECTION
9V TO 24V
0.33
µF
100k
10
µF
50V
+
LTC1255 • TA11
High-Side DC Motor Driver With Electronic Braking and
Stalled Motor Shutdown
30k
30k
+
100
µF
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
1/4 74C02
5V
1/4 74C02
RUN/COAST
BRAKE
18V
0.47
µF
100k
12V
1N5242B
IRFZ34
0.02
Ω
1
Ω*
IRFZ34
12V
1N5242B
1N5400
18V
DC MOTOR
*SIZE RESISTOR TO DISSIPATE ENERGY
REGENERATED BY MOTOR DURING BRAKING.
LTC1255 • TA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com