Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 4Page - Linear Technology LTC2302 Datasheet HTML 5Page - Linear Technology LTC2302 Datasheet HTML 6Page - Linear Technology LTC2302 Datasheet HTML 7Page - Linear Technology LTC2302 Datasheet HTML 8Page - Linear Technology LTC2302 Datasheet HTML 9Page - Linear Technology LTC2302 Datasheet HTML 10Page - Linear Technology LTC2302 Datasheet HTML 11Page - Linear Technology LTC2302 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2302/LTC2306
8
23026fa
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
1kHz Sine Wave
8192 Point FFT Plot
SNR vs Input Frequency
SINAD vs Input Frequency
THD vs Input Frequency
Supply Current
vs Sampling Frequency
Supply Current vs Temperature
(LTC2306) TA = 25°C, VDD = OVDD = 5V, VREF = 4.096V, fSMPL = 500ksps, unless otherwise noted.
OUTPUT CODE
0
0
0.25
0.50
4096
23026 G13
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
OUTPUT CODE
0
0
0.25
0.50
4096
23026 G14
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
FREQUENCY (kHz)
0
–40
–20
0
200
23026 G15
–60
–80
50
100
150
250
–100
–120
–50
–30
–10
–70
–90
–110
–130
–140
SNR = 73.2dB
SINAD = 72.8dB
THD = –88.7dB
FREQUENCY (kHz)
1
50
70
75
80
10
100
1000
23026 G16
65
60
55
FREQUENCY (kHz)
1
50
70
75
80
10
100
1000
23026 G17
65
60
55
FREQUENCY (kHz)
1
–80
–70
–60
10
100
1000
23026 G18
–90
–85
–75
–65
–95
–100
SAMPLING FREQUENCY (ksps)
1
2.0
2.5
3.0
3.5
10
100
1000
23026 G19
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
2.0
2.2
2.6
2.8
3.0
4.0
3.4
0
50
75
23026 G20
2.4
3.6
3.8
3.2
–25
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com