Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 7Page - Linear Technology LTC2302 Datasheet HTML 8Page - Linear Technology LTC2302 Datasheet HTML 9Page - Linear Technology LTC2302 Datasheet HTML 10Page - Linear Technology LTC2302 Datasheet HTML 11Page - Linear Technology LTC2302 Datasheet HTML 12Page - Linear Technology LTC2302 Datasheet HTML 13Page - Linear Technology LTC2302 Datasheet HTML 14Page - Linear Technology LTC2302 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2302/LTC2306
11
23026fa
BLOCK DIAGRAM
TEST CIRCUITS
TIMING DIAGRAMS
Voltage Waveforms for SDO Delay Times, tdDO and thDO
Voltage Waveforms for tdis
Load Circuit for tdis Waveform 1
Load Circuit for tdis Waveform 2, ten
SDI
SDO
SCK
CONVST
23026 BD
SERIAL
PORT
ANALOG
INPUT
MUX
CH0 (IN+)
CH1 (IN–)
VREF
LTC2302
LTC2306
PIN NAMES IN PARENTHESIS
REFER TO LTC2302
VDD
OVDD
GND
12-BIT
500ksps
ADC
+
–
SDO
TEST POINT
VDD
3k
CL
23026 TC01
SDO
TEST POINT
3k
CL
23026 TC02
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
23026 TD01
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONVST
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
23026 TD02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com